Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT8231 Datasheet(PDF) 112 Page - List of Unclassifed Manufacturers

Part # VT8231
Description  SOUTH BRIDGE PC99 COMPLIANT
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT8231 Datasheet(HTML) 112 Page - List of Unclassifed Manufacturers

Back Button VT8231 Datasheet HTML 108Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 109Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 110Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 111Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 112Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 113Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 114Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 115Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 116Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 132 page
background image
VT8231
Preliminary Revision 0.8 October 29, 1999
-106-
Hardware Monitor I/O Space Registers
7HFKQRORJLHV ,QF
:H &RQQHFW
:H &RQQHFW
Offset 41 –Hardware Monitor Interrupt Status 1...........RO
7
Fan 2 Error
0
No error ..................................................default
1
Fan 2 count limit exceeded
6
Fan 1 Error
0
No error ..................................................default
1
Fan 1 count limit exceeded
5
Reserved
........................................ always reads 0
4
TSENS1 Temperature Error
0
No error ..................................................default
1
High or low hot temperature limit exceeded.
The
interrupt
mode
is
determined
by
Temperature Resolution register Rx4B[1-0].
3
VSENS3 Voltage Error (5V)
0
No error ..................................................default
1
High or low limit exceeded
2
Internal Core VCC Voltage Error (3.3V)
0
No error ..................................................default
1
High or low limit exceeded
1
VSENS2 Voltage Error (2.5V NB Core Voltage)
0
No error ..................................................default
1
High or low limit exceeded
0
VSENS1 Voltage Error (2.0V CPU Core Voltage)
0
No error ..................................................default
1
High or low limit exceeded
Offset 42 –Hardware Monitor Interrupt Status 2...........RO
7
TSENS3 (Internal Bandgap) Temp Error
0
No error ..................................................default
1
High or low hot temperature limit exceeded.
Interrupt mode is determined by Rx4B[5-4].
6-5
Reserved
........................................ always reads 0
4
Chassis Error
0
No error ..................................................default
1
Chassis Intrusion has gone high
3
TSENS2 Temperature Error
0
No error ..................................................default
1
High or low hot temperature limit exceeded.
Interrupt mode is determined by Rx4B[3-2].
2-1
Reserved
........................................ always reads 0
0
VSENS4 Voltage Error (12V)
0
No error ..................................................default
1
High or low limit exceeded
Note: When either status register is read, status conditions in
that register are reset.
In the case of voltage priority
indications, if two or more voltages were out of limits, then
another indication would automatically be generated if it was
not handled during interrupt service. Errant voltages may be
disabled in the control register until the operator has time to
clear the errant condition or set the limit higher or lower.
Offset 43 –Hardware Monitor Interrupt Mask 1 .......... RW
7
Fan 2 Count Error Mask
0
Enable interrupt on error status bit set ......... def
1
Disable interrupt on error status bit set
6
Fan 1 Count Error Mask
0
Enable interrupt on error status bit set ......... def
1
Disable interrupt on error status bit set
5
TSENS1 Thermal Alarm Control Mask
0
Enable
TSENS1
over-temp
condition
to
control the thermal alarm (function 4 Rx40[7]
automatic CPU clock throttling must be set )def
1
Disable
4
TSENS1 Temperature Error Mask
0
Enable interrupt on error status bit set ......... def
1
Disable interrupt on error status bit set
3
VSENS3 Voltage Error Mask (5V)
0
Enable interrupt on error status bit set ......... def
1
Disable interrupt on error status bit set
2
Internal Core VCC Voltage Error Mask (3.3V)
0
Enable interrupt on error status bit set ......... def
1
Disable interrupt on error status bit set
1
VSENS2 Voltage Error Mask (2.5V NB Core)
0
Enable interrupt on error status bit set ......... def
1
Disable interrupt on error status bit set
0
VSENS1 Voltage Error Mask (2.0V CPU Core)
0
Enable interrupt on error status bit set ......... def
1
Disable interrupt on error status bit set
Offset 44 –Hardware Monitor Interrupt Mask 2 .......... RW
7
TSENS3 Temperature Error Mask
0
Enable interrupt on error status bit set ......... def
1
Disable interrupt on error status bit set
6
TSENS3 Thermal Alarm Control Mask
0
Enable
TSENS3
over-temp
condition
to
control the thermal alarm (function 4 Rx40[7]
automatic CPU clock throttling must be set) def
1
Disable
5
TSENS2 Thermal Alarm Control Mask
0
Enable
TSENS2
over-temp
condition
to
control the thermal alarm (function 4 Rx40[7]
automatic CPU clock throttling must be set) def
1
Disable
4
Chassis Error Mask
0
Enable interrupt on error status bit set ......... def
1
Disable interrupt on error status bit set
3
TSENS2 Temperature Error Mask
0
Enable interrupt on error status bit set ......... def
1
Disable interrupt on error status bit set
2-1
Reserved
........................................ always reads 0
0
VSENS4 Voltage Error Mask (12V)
0
Enable interrupt on error status bit set ......... def
1
Disable interrupt on error status bit set



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com