Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT8231 Datasheet(PDF) 111 Page - List of Unclassifed Manufacturers

Part # VT8231
Description  SOUTH BRIDGE PC99 COMPLIANT
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT8231 Datasheet(HTML) 111 Page - List of Unclassifed Manufacturers

Back Button VT8231 Datasheet HTML 107Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 108Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 109Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 110Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 111Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 112Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 113Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 114Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 115Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 132 page
background image
VT8231
Preliminary Revision 0.8 October 29, 1999
-105-
Hardware Monitor I/O Space Registers
7HFKQRORJLHV ,QF
:H &RQQHFW
:H &RQQHFW
Offset 40 –Hardware Monitor Configuration ................RW
7
Initialization
0
Normal operation ...................................default
1
Restore
power-up
default
values
to
this
register, the interrupt status and mask registers,
the FAN/RST#/OS# register, and the OS#
Configuration
/
Temperature
Resolution
register.
This bit automatically clears itself
since the power-on default is 0.
6
Chassis Intrusion Reset
0
Normal operation ...................................default
1
Reset the Chassis Intrusion pin
5-4
Reserved (R/W) ........................................ default = 0
3
Hardware Monitor Interrupt Clear
0
Normal operation
1
Clear the hardware monitor interrupt output
(does not effect the contents of the interrupt
status register). Normally set during interrupt
service ....................................................default
2
Reserved
........................................ always reads 0
1
Hardware Monitor Interrupt Enable
0
Disable hardware monitor interrupt output.. def
1
Enable hardware monitor interrupt output
0Start
0
Place hardware monitor in standby mode.... def
1
Enable startup of hardware monitor logic.
At startup, limit checking functions and
scanning begins.
All high and low limits
should be set prior to turning on this bit. Note:
the hardware monitor interrupt output will not
be cleared if the user writes a zero to this bit
after an interrupt has occurred (the hardware
monitor interrupt clear bit must be used for this
purpose).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com