Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT8231 Datasheet(PDF) 113 Page - List of Unclassifed Manufacturers

Part # VT8231
Description  SOUTH BRIDGE PC99 COMPLIANT
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT8231 Datasheet(HTML) 113 Page - List of Unclassifed Manufacturers

Back Button VT8231 Datasheet HTML 109Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 110Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 111Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 112Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 113Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 114Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 115Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 116Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 117Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 132 page
background image
VT8231
Preliminary Revision 0.8 October 29, 1999
-107-
Hardware Monitor I/O Space Registers
7HFKQRORJLHV ,QF
:H &RQQHFW
:H &RQQHFW
Offset 47 –Hardware Monitor Fan Configuration.........RW
7-6
Fan 2 RPM Control
00 Divide by 1
01 Divide by 2 ............................................default
10 Divide by 4
11 Divide by 8
5-4
Fan 1 RPM Control
00 Divide by 1
01 Divide by 2 ............................................default
10 Divide by 4
11 Divide by 8
3-0
Reserved
........................................ always reads 0
Offset 49 –Hardware Monitor Temp Low Order Value RW
7-6
TSENS3 Value Low-Order Bits
Upper 8 bits are stored in offset 1Fh
5-4
TSENS2 Value Low-Order Bits
Upper 8 bits are stored in offset 21h
3
Over Temperature Active Low for PMU to
Control Stop Clock
0
Disable ...................................................default
1Enable
2
Chassis Active Low Output 20 msec
0
Disable ...................................................default
1Enable
1
Interrupt Active High Output
0
Disable ...................................................default
1Enable
0
Reserved
........................................ always reads 0
Offset 4B –Temperature Interrupt Configuration ........ RW
7-6
TSENS1 Value Low-Order Bits ..................def = 00
Upper 8 bits are stored in offset 20h
5-4
TSENS3 Hot Temp Interrupt Mode ...........def = 01
3-2
TSENS2 Hot Temp Interrupt Mode ...........def = 01
1-0
TSENS1 Hot Temp Interrupt Mode ...........def = 01
The following applies to each of the above 3 fields
00 Default Interrupt Mode. An interrupt occurs if
the temperature goes above the hot limit. The
interrupt will be cleared once the status register
is read, but will be generated again when the
next conversion is completed. Interrupts will
continue to be generated until the temperature
goes below the hysteresis limit.
01 One-Time Interrupt Mode.
An interrupt is
generated if the temperrature goes above the
hot limit. The interrupt will be cleared when
the status register is read. Another interrupt
will not be generated until the temperature first
drops below the hysteresis limit............. default
10 Comparator mode. An interrupt occurs if the
temperature goes above the hot limit.
This
interrupt remains active until the temperature
goes below the hot limit (i.e., no hysteresis).
11 Default Interrupt Mode (same as 00)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com