Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS3134 Datasheet(PDF) 179 Page - Dallas Semiconductor

Part # DS3134
Description  Chateau Channelized T1 And E1 And HDLC Controller
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3134 Datasheet(HTML) 179 Page - Dallas Semiconductor

Back Button DS3134 Datasheet HTML 175Page - Dallas Semiconductor DS3134 Datasheet HTML 176Page - Dallas Semiconductor DS3134 Datasheet HTML 177Page - Dallas Semiconductor DS3134 Datasheet HTML 178Page - Dallas Semiconductor DS3134 Datasheet HTML 179Page - Dallas Semiconductor DS3134 Datasheet HTML 180Page - Dallas Semiconductor DS3134 Datasheet HTML 181Page - Dallas Semiconductor DS3134 Datasheet HTML 182Page - Dallas Semiconductor DS3134 Datasheet HTML 183Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 179 / 203 page
background image
DS3134
179 of 203
SECTION 11: JTAG
11.1 JTAG DESCRIPTION
The DS3134 device supports the standard instruction codes SAMPLE/PRELOAD, BYPASS, and
EXTEST. Optional public instructions included are HIGHZ, CLAMP, and IDCODE. See Figure 11.1A
for a Block Diagram. The DS3134 contains the following items, which meet the requirements, set by the
IEEE 1149.1 Standard Test Access Port and Boundary Scan Architecture:
Test Access Port (TAP)
TAP Controller
Instruction Register
Bypass Register
Boundary Scan Register
Device Identification Register.
The Test Access Port has the necessary interface pins, namely JTCLK, JTRST*, JTDI, JTDO, and JTMS.
Details on these pins can be found in Section 2.4. Details on the Boundary Scan Architecture and the Test
Access Port can be found in IEEE 1149.1-1990, IEEE 1149.1a-1993, and IEEE 1149.1b-1994.
JTAG Block Diagram Figure 11.1A
11.2 TAP CONTROLLER STATE MACHINE DESCRIPTION
This section covers the details on the operation of the Test Access Port (TAP) Controller State Machine.
Please see Figure 11.2A for details on each of the states described below. The TAP controller is a finite
state machine, which responds to the logic level at JTMS on the rising edge of JTCLK.
Boundary Scan
Register
Identification
Register
Bypass
Register
Instruction
Register
Test Access Port
Controller
Mux
Select
Tri-State
JTDI
10K
JTMS
10K
JTCLK
JTRST*
10K
JTDO
jtag_bd



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com