Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS3134 Datasheet(PDF) 180 Page - Dallas Semiconductor

Part # DS3134
Description  Chateau Channelized T1 And E1 And HDLC Controller
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3134 Datasheet(HTML) 180 Page - Dallas Semiconductor

Back Button DS3134 Datasheet HTML 176Page - Dallas Semiconductor DS3134 Datasheet HTML 177Page - Dallas Semiconductor DS3134 Datasheet HTML 178Page - Dallas Semiconductor DS3134 Datasheet HTML 179Page - Dallas Semiconductor DS3134 Datasheet HTML 180Page - Dallas Semiconductor DS3134 Datasheet HTML 181Page - Dallas Semiconductor DS3134 Datasheet HTML 182Page - Dallas Semiconductor DS3134 Datasheet HTML 183Page - Dallas Semiconductor DS3134 Datasheet HTML 184Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 180 / 203 page
background image
DS3134
180 of 203
TAP Controller State Machine Figure 11.2A
Test-Logic-Reset
Upon power-up of the DS3134, the TAP controller will be in the Test-Logic-Reset state. The Instruction
register will contain the IDCODE instruction. All system logic on the DS3134 will operate normally.
Run-Test-Idle
Run-Test-Idle is used between scan operations or during specific tests. The Instruction register and Test
register will remain idle.
Select-DR-Scan
All test registers retain their previous state.
With JTMS low, a rising edge of JTCLK moves the
controller into the Capture-DR state and will initiate a scan sequence. JTMS high moves the controller to
the Select-IR-SCAN state.
Test-Logic-Reset
Run-Test/Idle
Select
DR-Scan
1
0
Capture-DR
1
0
Shift-DR
0
1
Exit1-DR
1
0
Pause-DR
1
Exit2-DR
1
Update-DR
0
0
1
Select
IR-Scan
1
0
Capture-IR
0
Shift-IR
0
1
Exit1-IR
1
0
Pause-IR
0
Exit2-IR
1
Update-IR
0
0
1
0
0
1
0
1
0
1
jtag_bd



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com