Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS3134 Datasheet(PDF) 184 Page - Dallas Semiconductor

Part # DS3134
Description  Chateau Channelized T1 And E1 And HDLC Controller
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3134 Datasheet(HTML) 184 Page - Dallas Semiconductor

Back Button DS3134 Datasheet HTML 180Page - Dallas Semiconductor DS3134 Datasheet HTML 181Page - Dallas Semiconductor DS3134 Datasheet HTML 182Page - Dallas Semiconductor DS3134 Datasheet HTML 183Page - Dallas Semiconductor DS3134 Datasheet HTML 184Page - Dallas Semiconductor DS3134 Datasheet HTML 185Page - Dallas Semiconductor DS3134 Datasheet HTML 186Page - Dallas Semiconductor DS3134 Datasheet HTML 187Page - Dallas Semiconductor DS3134 Datasheet HTML 188Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 184 / 203 page
background image
DS3134
184 of 203
Boundary Scan Control Bits Table 11.4A
Bit
Symbol
Lead
I/O
Control Bit Description
213
LD.iocntl
-
-
0=LD0 to LD15 are inputs;1=LD0 to LD15 are outputs
212
LD0
V20
I/O
211
LD1
U20
I/O
210
LD2
T18
I/O
209
LD3
T19
I/O
208
LD4
T20
I/O
207
LD5
R18
I/O
206
LD6
P17
I/O
205
LD7
R19
I/O
204
LD8
R20
I/O
203
LD9
P18
I/O
202
LD10
P19
I/O
201
LD11
P20
I/O
200
LD12
N18
I/O
199
LD13
N19
I/O
198
LD14
N20
I/O
197
LD15
M17
I/O
196
LIM
M18
I
195
LMS
M19
I
194
LHOLD(LBR*)
L19
O
193
LHLDA(LBG*)
L18
I
192
LBGACK*
L20
O
191
LINT.iocntl
-
-
0 = LINT* is an input; 1 = LINT* is an output
190
LINT*
K20
I/O
189
LCS*
K19
I
188
LRDY*
K18
I
187
LCLK
J20
O
186
LBHE*
H20
O
185
LWR.iocntl
-
-
0 = LWR* is an input; 1 = LWR* is an output
184
LWR*(LR/W*)
H19
I/O
183
LRD.iocntl
-
-
0 = LRD* is an input; 1 = LRD* is an output
182
LRD*(LDS*)
H18
I/O
181
LA.iocntl
-
-
0 = LA0 to LA19 are inputs; LA0 to LA19 are outputs
180
LA0
G20
I/O
179
LA1
G19
I/O
178
LA2
F20
I/O
177
LA3
G18
I/O
176
LA4
F19
I/O
175
LA5
E20
I/O
174
LA6
G17
I/O
173
LA7
F18
I/O
172
LA8
E19
I/O
171
LA9
D20
I/O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com