Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS3134 Datasheet(PDF) 181 Page - Dallas Semiconductor

Part # DS3134
Description  Chateau Channelized T1 And E1 And HDLC Controller
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3134 Datasheet(HTML) 181 Page - Dallas Semiconductor

Back Button DS3134 Datasheet HTML 177Page - Dallas Semiconductor DS3134 Datasheet HTML 178Page - Dallas Semiconductor DS3134 Datasheet HTML 179Page - Dallas Semiconductor DS3134 Datasheet HTML 180Page - Dallas Semiconductor DS3134 Datasheet HTML 181Page - Dallas Semiconductor DS3134 Datasheet HTML 182Page - Dallas Semiconductor DS3134 Datasheet HTML 183Page - Dallas Semiconductor DS3134 Datasheet HTML 184Page - Dallas Semiconductor DS3134 Datasheet HTML 185Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 181 / 203 page
background image
DS3134
181 of 203
Capture-DR
Data may be parallel loaded into the Test Data registers selected by the current instruction.
If the
instruction does not call for a parallel load or the selected register does not allow parallel loads, the Test
register will remain at its current value. On the rising edge of JTCLK, the controller will go to the
Shift-DR state if JTMS is low or it will go to the Exit1-DR state if JTMS is high.
Shift-DR
The Test Data register selected by the current instruction will be connected between JTDI and JTDO and
will shift data one stage towards its serial output on each rising edge of JTCLK. If a Test register selected
by the current instruction is not placed in the serial path, it will maintain its previous state.
Exit1-DR
While in this state, a rising edge on JTCLK with JTMS high will put the controller in the Update-DR
state, which terminates the scanning process. A rising edge on JTCLK with JTMS low will put the
controller in the Pause-DR state.
Pause-DR
Shifting of the Test registers is halted while in this state. All Test registers selected by the current
instruction will retain their previous state. The controller will remain in this state while JTMS is low. A
rising edge on JTCLK with JTMS high will put the controller in the Exit2-DR state.
Exit2-DR
While in this state, a rising edge on JTCLK with JTMS high will put the controller in the Update-DR state
and terminate the scanning process. A rising edge on JTCLK with JTMS low will enter the Shift-DR
state.
Update-DR
A falling edge on JTCLK while in the Update-DR state will latch the data from the shift register path of
the Test registers into the data output latches. This prevents changes at the parallel output due to changes
in the shift register. A rising edge on JTCLK with JTMS low, will put the controller in the Run-Test-Idle
state. With JTMS high, the controller will enter the Select-DR-Scan state.
Select-IR-Scan
All Test registers retain their previous state. The Instruction register will remain unchanged during this
state. With JTMS low, a rising edge on JTCLK moves the controller into the Capture-IR state and will
initiate a scan sequence for the Instruction register. JTMS high during a rising edge on JTCLK puts the
controller back into the Test-Logic-Reset state.
Capture-IR
The Capture-IR state is used to load the shift register in the Instruction register with a fixed value. This
value is loaded on the rising edge of JTCLK. If JTMS is high on the rising edge of JTCLK, the controller
will enter the Exit1-IR state. If JTMS is low on the rising edge of JTCLK, the controller will enter the
Shift-IR state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com