Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS3134 Datasheet(PDF) 182 Page - Dallas Semiconductor

Part # DS3134
Description  Chateau Channelized T1 And E1 And HDLC Controller
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3134 Datasheet(HTML) 182 Page - Dallas Semiconductor

Back Button DS3134 Datasheet HTML 178Page - Dallas Semiconductor DS3134 Datasheet HTML 179Page - Dallas Semiconductor DS3134 Datasheet HTML 180Page - Dallas Semiconductor DS3134 Datasheet HTML 181Page - Dallas Semiconductor DS3134 Datasheet HTML 182Page - Dallas Semiconductor DS3134 Datasheet HTML 183Page - Dallas Semiconductor DS3134 Datasheet HTML 184Page - Dallas Semiconductor DS3134 Datasheet HTML 185Page - Dallas Semiconductor DS3134 Datasheet HTML 186Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 182 / 203 page
background image
DS3134
182 of 203
Shift-IR
In this state, the shift register in the Instruction register is connected between JTDI and JTDO and shifts
data one stage for every rising edge of JTCLK towards the serial output. The parallel register, as well as
all Test registers remains at their previous states. A rising edge on JTCLK with JTMS high will move the
controller to the Exit1-IR state. A rising edge on JTCLK with JTMS low will keep the controller in the
Shift-IR state while moving data one stage through the Instruction shift register.
Exit1-IR
A rising edge on JTCLK with JTMS low will put the controller in the Pause-IR state. If JTMS is high on
the rising edge of JTCLK, the controller will enter the Update-IR state and terminate the scanning
process.
Pause-IR
Shifting of the Instruction register is halted temporarily. With JTMS high, a rising edge on JTCLK will
put the controller in the Exit2-IR state. The controller will remain in the Pause-IR state if JTMS is low
during a rising edge on JTCLK.
Exit2-IR
A rising edge on JTCLK with JTMS low will put the controller in the Update-IR state. The controller
will loop back to the Shift-IR state if JTMS is high during a rising edge of JTCLK in this state.
Update-IR
The instruction shifted into the Instruction shift register is latched into the parallel output on the falling
edge of JTCLK as the controller enters this state. Once latched, this instruction becomes the current
instruction. A rising edge on JTCLK with JTMS low will put the controller in the Run-Test-Idle state.
With JTMS high, the controller will enter the Select-DR-Scan state.
11.3 INSTRUCTION REGISTER AND INSTRUCTIONS
The Instruction register contains a shift register as well as a latched parallel output and is 3 bits in length.
When the TAP controller enters the Shift-IR state, the instruction shift register will be connected between
JTDI and JTDO. While in the Shift-IR state, a rising edge on JTCLK with JTMS low will shift data one
stage towards the serial output at JTDO. A rising edge on JTCLK in the Exit1-IR state or the Exit2-IR
state with JTMS high will move the controller to the Update-IR state. The falling edge of that same
JTCLK will latch the data in the instruction shift register to the instruction parallel output. Instructions
supported by the DS3134 and their respective operational binary codes are shown in Table 11.3A.
Instruction Codes Table 11.3A
Instructions
Selected Register
Instruction Codes
SAMPLE/PRELOAD
Boundary Scan
010
BYPASS
Bypass
111
EXTEST
Boundary Scan
000
CLAMP
Boundary Scan
011
HIGHZ
Boundary Scan
100
IDCODE
Device Identification
001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com