Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 217 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 217 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 213Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 214Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 215Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 216Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 217Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 218Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 219Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 220Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 221Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 217 / 426 page
background image
Hardware Description
MFC 2000 Multifunctional Peripheral Controller 2000
100723A
Conexant
9-5
NP
HP
VP
1
2
3
4
5
7
6
8
NG-3
NG-1
NG-2
NG
2 lines
1 line
NP - Nozzle pitch in pels
VP - Vertical pitch between nozzle groups
in pels
HP - Horizontal pitch between nozzle
groups in pels.
NG - Number of nozzles in nozzle group.
Note: Odd Nozzle Columns are
located on the left in this figure.
Figure 9-2. The Physical Nozzle Diagram for Typical Inkjet Heads
The boundary condition also needs to be considered. The line length (pixels/line) of the bi-level resolution
conversion input and output data is a multiple of 16 (See the bi-level resolution conversion section for details). If
we insert different number of zeros in the beginning of lines, all the lines will end at different columns (not end at
the same halfword boundary). Therefore, control bits need to be used. It indicates the total number of halfwords of
zeros that needs to be added either at the beginning and at the end of each line (See the diagram below). 0 - 4
halfwords can be set in the register.
324 halfwords / line
Example:
26 zeros
324 halfwords / line
line1
line2
18 zeros
6
zeros
14
zeros
324 halfwords / line
8
zeros
324 halfwords / line
line17
line18
24 zeros
32 zeros
324 halfwords / line
26 zeros
324 halfwords / line
line33
line34
18 zeros
6
zeros
14
zeros
The register for the total zeros (halfwords) = 2, set for all lines
The register for zeros in front (pixels) =26, 18, 8, or 0, set for each line
Figure 9-3. Untitled Figure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com