Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 214 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 214 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 210Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 211Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 212Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 213Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 214Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 215Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 216Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 217Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 218Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 214 / 426 page
background image
MFC2000 Multifunctional Peripheral Controller 2000
Hardware Description
9-2
Conexant
100723A
9.1.1
Horizontal Conversion
Conversion in the horizontal direction is performed in this logic block by adding or removing a programmable
number of pixels at the position which decided by the bi-level resolution conversion algorithm. Pixels are added
based on a programmable 7-bit Base-3 counter and the expansion mode bits (2 bits). Input pixel number needs to
be a multiple of 16. The output pixel number of this block is also a multiple of 16.
Table 9-1. Untitled Table
The expected expansion ratio
the expansion mode
the programmed expansion ratio
the expansion result
100%
≤ X < 200%
0X
≈ X
200%
≤ X < 300%
1
X - 100%
≈ X
300%
≤ X < 400%
2
X - 200%
≈ X
Pixels are removed based on the same programmable 7-bit Base-3 counter used for the expansion. Data can be
reduced down to 0.0457% (1/2187 x) and expanded up to 399.95% (~4x). To preserve image quality, it is
recommended that an input line be reduced by no more than 2/3 times (66.67%) it's original resolution (this will
ensure that 2 consecutive input pixels will never be removed).
The following block diagram depicts the BRC block diagram. The functions are broken up into the blocks that
represent the imdividule VHDL that make up the BRC design. Note that the two blocks, Vertical ORING and BRC
Out FIFO, outputs are tied together. This represents the fact that only one of these output modes are operational
at time.
BRC In
FIFO
Parallel
to
Serial
In
Mux
BRC
Counters
Filter,
ORing
ORING
Algo.
Shingle
Horizontal
Shifter
Serial To
Parallel
Vertical
ORING
BRC Out
FIFO
Resolution Converter
DMA Data
In
DMA Data Out
DMA Req 8
DMA Req
9
T4 Serial
Data In
Figure 9-1: Bi-level Resolution Conversion Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com