Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 210 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 210 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 206Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 207Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 208Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 209Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 210Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 211Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 212Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 213Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 214Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 210 / 426 page
background image
MFC2000 Multifunctional Peripheral Controller 2000
Hardware Description
8-6
Conexant
100723A
8.2.2
Register Description
Name/Address
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Default
TADC Control
(TADCCtrl)
$01FF8001
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
Rst. Value
xxh
Read Value
00h
Name/Address
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default
TADC Control
(TADCCtrl)
$01FF8000
(Not Used)
Tadcclk
Select[1]
Tadcclk
Select[0]
Update
Select[1]
Update
Select[0]
Channel
Select[1]
Channel
Select[0]
Mode
Rst. Value
x0000000b
Read Value
00h
Bit 6-5
Tadcclk Select[1:0]
The frequency for tadc counter is programmable according to the
following table.
Tadcclk Select[1:0]
Tadcclk Frequency
Tadcclk Frequency
(assuming iclk = 10MHz)
0
freq(iclk)/64
156 KHz
1
freq(iclk)/16
625 KHz
2
freq(iclk)/8
1.25 MHz
3
freq(iclk)/4
2.5 MHz
Bit 4-3
Update Select[1:0]
In the auto mode, the frequency of updating each register is
determined by the setting on these bits.
Update Select[1:0]
Update Frequency
Update Frequency
(with tadcclk = 156 KHz)
Update Frequency
(with tadcclk = 5 MHz)
0
freq(tadcclk)/2048
76 Hz
2.4 KHz
1
freq(tadcclk)/1024
152 Hz
4.8 KHz
2
freq(tadcclk)/512
304 Hz
9.8 KHz
3
freq(tadcclk)/256
609 Hz
19.5 KHz
Bit 2-1
Channel Select [1:0]
This channel selection is only valid for manual mode (i.e., Mode = 0).
Channel Select[1:0]
Selected Channel
0
senin[0]
1
senin[1]
2
senin[2]
3
TADCREF
Bit 0
Mode
When mode = 0, then the manual mode is selected. In this manual
mode, the channel selected must be done by the firmware, by setting
the desired channel selection in bit 2 & bit1. When mode = 1, then the
automatic mode is selected. In this auto mode, the selection for the
analog mux will be performed automatically by the hardware, and the
data on three registers corresponding to each channel will be updated
accordingly.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com