Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 209 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 209 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 205Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 206Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 207Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 208Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 209Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 210Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 211Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 212Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 213Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 209 / 426 page
background image
Hardware Description
MFC 2000 Multifunctional Peripheral Controller 2000
100723A
Conexant
8-5
8.2
TADC
8.2.1
Function Description
Thermal ADC provides the analog to digital functionality for low speed analog signals. A simplified block diagram
of TADC is shown below.
-
+
6-bit DAC
+/- 1/2 bit
9-bit up/down
Counter
6 MSBs
AD[5:0]
senin[0],[1],[2],
or TADCREF
[tadc-simple.vsd]
Table 8-7. TADC Block Diagram
The TADC includes a 6-bit DAC, a comparator and a 9-bit self tracking up/down counter. The up/down counter is
incremented or decremented based on the polarity of the comparator output. The most significant 6 bits of the
counter are used to generate the DAC reference signal to the comparator. The comparator compares this
reference voltage to the external analog input signals, SENIN[2:0], or TADCREF. After settling, the counter value
(and thus the DAC digital value) represents the A-to-D conversion of the input signal. The least significant bits of
the counter are used to average out the comparator fluctuations which occurs at the settling point. The counter is
set to a mid-point value on the power-on reset so that it settles more quickly. The frequency of updating the
counter is programmable.
The TADC can be operated in two modes. By default, the manual mode will be selected. In this mode, the
firmware will select the analog input. Then, the firmware must wait for at least for 256 * tadcclk period to allow the
TADC to settle prior to reading the data. In the automatic mode, the hardware will do the selection for each analog
input in rotation. Each analog input will be selected periodically, and the data from each channel will be stored in
different register at the same rate as channel selection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com