Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 207 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 207 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 203Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 204Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 205Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 206Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 207Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 208Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 209Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 210Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 211Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 207 / 426 page
background image
Hardware Description
MFC 2000 Multifunctional Peripheral Controller 2000
100723A
Conexant
8-3
8.1.3
Programmable Gain Amplifier (PGA)
Table 8-4. Programmable Gain Amplifier (PGA)
Parameter
Min
Typ
Max
Units
Input Voltage Range (Gain = 1)
0
3
V
Gain[3:0] (in hex)
0
-1.25
-1
-0.75
dB
1
-0.25
0
0.25
dB
2
0.75
1
1.25
dB
3
1.75
2
2.25
dB
4
2.75
3
3.25
dB
5
3.75
4
4.25
dB
6
4.75
5
5.25
dB
7
5.75
6
6.25
dB
8
6.75
7
7.25
dB
9
7.75
8
8.25
dB
A
8.75
9
9.25
dB
B
9.75
10
10.25
dB
C
10.75
11
11.25
dB
D
11.75
12
12.25
dB
E
12.75
13
13.25
dB
F
13.75
14
14.25
dB
Note: Scanner output will be sampled at the falling edge of the “sample” signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com