Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 203 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 203 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 199Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 200Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 201Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 202Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 203Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 204Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 205Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 206Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 207Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 203 / 426 page
background image
Hardware Description
MFC 2000 Multifunctional Peripheral Controller 2000
100723A
Conexant
7-55
7.3.4
Firmware Operation
Firmware sequence of operations:
1.
Setup the external video capture device via two-wire serial interface
2.
Poll the status register in external video capture device via two-wire serial interface
3.
Read VidLLStat and VidOddFLStat registers if video signal is detected
4.
Setup DMA based on the values stored in VidLLStat and VidOddFLStat registers
5.
Write to VidLineSizeCfg register based on the VidLLStat
6.
Start the video capture by writing to VidCaptureCtrl register
DMA operation:
Odd Field Address
Even Field Address
Step/Jump
0
n+1
n+2
1
2
n
Start
Stop
signal from video decoder device,
indicating the end of the odd field
signal from video decoder device,
indicating the end of frame capture
Figure 7-31. DMA Operation
DMA features:
•
clear internal counter after address/other registers are written
•
selection bit (scan/video)
− scan: 1 address will be used, and operation is simple
− video: 2 addresses will be used, and operation is complex as shown above



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com