Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 200 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 200 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 196Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 197Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 198Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 199Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 200Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 201Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 202Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 203Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 204Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 200 / 426 page
background image
MFC2000 Multifunctional Peripheral Controller 2000
Hardware Description
7-52
Conexant
100723A
Name/Address
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Default
Video Line Config
(VidLineCfg)
$01FF88C7
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
LineSize[10] LineSize[9]
LineSize[8]
Rst. Value
xxxxx000b
Read Value
00h
Name/Address
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default
Video Line Config
(VidLineCfg)
$01FF88C6
LineSize[7]
LineSize[6]
LineSize[5]
LineSize[4]
LineSize[3]
LineSize[2]
LineSize[1]
0
Rst. Value
00h
Read Value
00h
Bit 10-1
LineSize[10:1]
This register defines the maximum number of bytes to be captured
per line. The value in this register must be written prior to initiating the
video capture. Bit 0 is a constant zero in order to ensure that line size
is an even number, i.e., on the word boundary.
If the number of actual data is more than this value, then the actual
data will be truncated. It should be noted that at the end of every line,
one or two byte of zeros will be added in order to indicate the end of
line, and at the same time the additional zeros will guarantee that the
line length is on the word boundary. Whenever the actual data does
not match the LineSize, the “Video Error” bit in “Video Capture Config”
register will be set to 1.
Note: The jump or skip parameter in DMA setting must be at least 1 halfword bigger than the
“LineSizeCfg” in order to take into account the additional zeros at the end of line.
Example of line too short
VidLineCfg = 10 bytes
Number of actual data from video decoder = 9 bytes
Number of actual data stored into memory = 9 bytes
Number of zeros inserted into memory = 1 byte
Final line size = 10 bytes
Example of line too long
VidLineCfg = 10 bytes
Number of actual data from video decoder = 11 bytes
Number of actual data stored into memory = 10 bytes
Number of zeros inserted into memory = 2 byte
Final line size = 12 bytes
Example of line is just right
VidLineCfg = 10 bytes
Number of actual data from video decoder = 10 bytes
Number of actual data stored into memory = 10 bytes
Number of zeros inserted into memory = 2 byte
Final line size = 12 bytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com