Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 198 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 198 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 194Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 195Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 196Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 197Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 198Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 199Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 200Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 201Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 202Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 198 / 426 page
background image
MFC2000 Multifunctional Peripheral Controller 2000
Hardware Description
7-50
Conexant
100723A
7.3
Video Controller
Main features:
•
Capture a frame from an external video decoder device
•
Support ITU–R BT.656 or VESA Video Interface Port (VIP) format of YCrCb 4:2:2
•
Store captured frame into memory in a non-interlace format
•
Software interrupt at the end of a frame capture
ITU–R BT.656
• Data format: C
B, Y, CR, Y, etc
YY
C
B
C
R
• Control structure: FF, 00, 00, XY
XY contains the video timing reference code
XY = {1, F, V, H, P3, P2, P1, P0}, where
F = Field
V = Vertical
H = Horizontal (0 = SAV, 1 = EAV)
P3, P2, P1, P0 = error protection bits, with P3 = V xor H, P2 = F xor H, P1= F xor V, P0 = F
xor V xor H
XY
F
V
H
type
80
0
0
0
SAV
9D
0
0
1
EAV
AB
0
1
0
SAV
B6
0
1
1
EAV
C7
1
0
0
SAV
DA
1
0
1
EAV
EC
1
1
0
SAV
F1
1
1
1
EAV
• Control insertion:
1. at the beginning of a line: SAV (start of active video)
2. at the end of a line: EAV (end of active video)
• Number of pixels per line is 720.
• The following control codes are inserted for every valid line:
Field
Start Line
End Line
0
FF, 00, 00, 80
FF, 00, 00, 9D
1
FF, 00, 00, C7
FF, 00, 00, DA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com