Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 201 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 201 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 197Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 198Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 199Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 200Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 201Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 202Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 203Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 204Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 205Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 201 / 426 page
background image
Hardware Description
MFC 2000 Multifunctional Peripheral Controller 2000
100723A
Conexant
7-53
Name/Address
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Default
Video Line Length
Status
(VidLLStat)
$01FF88C9
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
VidLL[10]
(read only)
VidLL[9]
(read only)
VidLL[8]
(read only)
Rst. Value
xxxxx000b
Read Value
00h
Name/Address
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default
Video Line Length
Status
(VidLLStat)
$01FF88C8
VidLL[7]
(read only)
VidLL[6]
(read only)
VidLL[5]
(read only)
VidLL[4]
(read only)
VidLL[3]
(read only)
VidLL[2]
(read only)
VidLL[1]
(read only)
VidLL[0]
(read only)
Rst. Value
00h
Read Value
00h
Bit 10-0
VidLL[10:0]
This register indicates the number of bytes per line and not the
number of pixels per line. The value in this register is updated
continuously at the end of every line.
Name/Address
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Default
Video Odd Field
Length Status
(VidOddFLStat)
$01FF88CB
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
VidOddFL
[8]
(read only)
Rst. Value
xxxxxxx0b
Read Value
00h
Name/Address
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default
Video Odd Field
Length Status
(VidOddFLStat)
$01FF88CA
VidOddFL
[7]
(read only)
VidOddFL
[6]
(read only)
VidOddFL
[5]
(read only)
VidOddFL
[4]
(read only)
VidOddFL
[3]
(read only)
VidOddFL
[2]
(read only)
VidOddFL
[1]
(read only)
VidOddFL
[0]
(read only)
Rst. Value
00h
Read Value
00h
Bit 8-0
VidOddFL [8:0]
This register indicates the number of lines in odd field. The value in
this register is updated continuously at the end of every odd field.
Name/Address
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Default
Video Even Field
Length Status
(VidEvenFLStat)
$01FF88CD
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
VidEvenFL
[8]
(read only)
Rst. Value
xxxxxxx0b
Read Value
00h
Name/Address
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default
Video Even Field
Length Status
(VidEvenFLStat)
$01FF88CC
VidEvenFL
[7]
(read only)
VidEvenFL
[6]
(read only)
VidEvenFL
[5]
(read only)
VidEvenFL
[4]
(read only)
VidEvenFL
[3]
(read only)
VidEvenFL
[2]
(read only)
VidEvenFL
[1]
(read only)
VidEvenFL
[0]
(read only)
Rst. Value
00h
Read Value
00h
Bit 8-0
VidEvenFL [8:0]
This register indicates the number of lines in even field. The value in
this register is updated continuously at the end of every even field.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com