Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 205 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 205 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 201Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 202Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 203Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 204Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 205Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 206Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 207Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 208Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 209Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 205 / 426 page
background image
Multifunctional Peripheral Controller 2000
MFC2000
100723A
Conexant
8-1
8. ADC
8.1
PADC AND SCAN ANALOG FRONT END
8.1.1
General description
Offset
Adjustment
ADC
adcout[11:0]
SCIN
ADVA
ADGD
ADVD
Reference
ADCVC
ADCREFP
ADCREFN
TADCREF
ADCREFP
ADCREFN
ADCVC
PGA
+
+
_
DAC
-0.1 V
1.9 V
ext interface (pad & pin)
int interface
Symbols:
Signal names:
lowercase : digital
uppercase: ANALOG
0 V
3 V
ADGA
Figure 8-1. Untitled Figure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com