Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 199 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 199 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 195Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 196Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 197Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 198Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 199Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 200Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 201Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 202Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 203Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 199 / 426 page
background image
Hardware Description
MFC 2000 Multifunctional Peripheral Controller 2000
100723A
Conexant
7-51
VESA VIP
• Dummy byte/ invalid pixel code: 00 (between SAV and EAV)
• Number of pixels per line is not restricted to 720
• The most significant bit of XY byte is called task bit (T-bit), which can be 1 or 0.
Convention
• F = 0 (Field = 1) is an odd field
• F = 1 (Field = 2) is an even field
• Odd field is the top field
• Even field is the bottom field
7.3.1
Function Description
Pins connection to external video capture device:
Video
Capture
MFC2000
data[7:0]
clk
EV_VD[7:0] /EADC_D[11:4]
EV_CLK
Figure 7-29. Connection to External Video Capture Device
7.3.2
Register Description
Name/Address
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Default
Video Capture
Control
(VidCaptureCtrl)
$01FF8549
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
Video Error
(read only)
Rst. Value
xxxxxxx0b
Read Value
00h
Name/Address
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default
Video Capture
Control
(VidCaptureCtrl)
$01FF8548
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
Start
Capture
Rst. Value
xxxxxxx0b
Read Value
00h
Bit 8
Video Error
This status bit indicates that error has been detected in capturing the
video signal. The error is detected based on the line length
comparison between the specified number of bytes per line (i.e., the
value in VideoLineCfg register) to the actual number of bytes
captured. If any line within a frame does not match VideoLineCfg
register, this bit will be set.
At the beginning of the next video capture, this error bit will be cleared.
Bit 0
Start Capture
By setting this bit, the hardware will start the process of capturing a
frame of video data. Once a complete frame has been captured, the
hardware will clear this bit. The status of capturing process can be
known by reading this bit. Reading a 1 indicates that the hardware is
busy.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com