Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 194 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 194 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 190Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 191Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 192Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 193Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 194Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 195Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 196Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 197Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 198Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 194 / 426 page
background image
MFC2000 Multifunctional Peripheral Controller 2000
Hardware Description
7-46
Conexant
100723A
Name/Address
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Default
SPI Status
(SPIStat)
$01FF854D
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
Received
ACK
(read only)
Rst. Value
xxxxxxx0b
Read Value
00h
Name/Address
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default
SPI Status
(SPIStat)
$01FF854C
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
SID line
(read only)
SIC line
(read only)
Rst. Value
xxxxxx00b
Read Value
00h
Bit 8
Received ACK
This is a read only bit which is only valid after writing a 1 to “WAC” bit
and after verifying that WAC operation is completed, i.e., WAC bit is 0.
After master sends data to slave, master must check if slave has
received the data properly. This checking is done by requesting
acknowledge from slave. In this situation, master is sending a clock
pulse, and capture the acknowledge on SID line while SIC is high.
This is the acknowledge stored in bit 8.
Bit 1
SID – Serial Input Data line
This is a read only bit which comes directly from the SID pin.
Bit 0
SIC – Serial Input Clock line
This is a read only bit which comes directly from the SIC pin.
Name/Address
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Default
SPI Configuration
(SPIConfig)
$01FF88C1
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
Rst. Value
xxh
Read Value
00h
Name/Address
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default
SPI Configuration
(SPIConfig)
$01FF88C0
Manual
Operation
(Not Used)
(Not Used)
(Not Used)
SPI
Interrupt
Enable
Clock Mode Clk
Divider[1]
Clk
Divider[0]
Rst. Value
0xxx0000b
Read Value
00h
Bit 7
Manual Operation
By setting this bit, firmware can control the SID and SIC directly by
writing to bit 1 and bit 0 of SPI_Ctrl register.
Bit 3
SPI Interrupt Enable
By setting this bit, the interrupt from SPI is enabled. At the end of
REA, STA, STO, RAC, WAC, or WRI operation, the interrupt will be
active in order to indicate the completion of operation. Once the
firmware has serviced this interrupt, it can be cleared by writing a 1 to
bit 1 of ‘VSCIRQStatus’ register.
Bit 2
Clock Mode
Bit 1-0
Clock Divider[1:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com