Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 193 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 193 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 189Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 190Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 191Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 192Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 193Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 194Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 195Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 196Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 197Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 193 / 426 page
background image
Hardware Description
MFC 2000 Multifunctional Peripheral Controller 2000
100723A
Conexant
7-45
Bit 2
WAC – Write Acknowledge
Writing a 1 to this bit will generate ACKNOWLEDGE condition after
write operation in which the master will:
1. generate clock pulse
2. NOT drive SID but will capture acknowledge bit from slave and
store it into bit 8 of ‘SPI_Stat’ register
Reading a 1 from this bit indicates WAC operation is active.
Bit 1
SID – Serial Input Data
This bit is used to control the SID line directly, and it is only valid if the
“Manual Operation” bit in SPI_Config is equal to 1. When SID = 1,
then SPI is not driving the SID line. When SID = 0, then SPI will drive
SID line low.
Bit 0
SIC – Serial Input Clock
This bit is used to control the SIC line directly, and it is only valid if the
“Manual Operation” bit in SPI_Config is equal to 1. When SIC = 1,
then SPI is not driving the SIC line. When SIC = 0, then SPI will drive
SIC line low.
Note:
In normal case, only one of bit [7:2] should be set. However, if for some reasons, more
than one bits are set, then the hardware will respond according to the following priority. Other
bit(s) that are set will be ignored.
Priority
Operation
1RST
2STO
3STA
4REA
5RAC
6WAC
7WRI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com