Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 189 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 189 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 185Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 186Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 187Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 188Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 189Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 190Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 191Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 192Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 193Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 189 / 426 page
background image
Hardware Description
MFC 2000 Multifunctional Peripheral Controller 2000
100723A
Conexant
7-41
7.2
Serial Programming Interface
The serial programming interface is a two-wire bidirectional serial bus, which provides a simple and efficient way
for data exchange between devices.
Main Features:
•
Only two bus lines are required; a serial interface data (SID) and a serial interface clock (SIC)
•
Master–transmitter & master–receiver
•
Schmitt trigger on SID input
•
Synchronization capability (allowing slave to add wait state by pulling the clock low)
•
Optional interrupt or polling operation
•
Optional firmware operation for manual control of the SPI bus
•
Soft reset
7.2.1
Function Description
Physical Connection
MFC2K (Master)
Slave
SID_n out
SIC in
SID in
SIC_n out
SID_n out
SIC in
SID in
SID
(serial interface data)
SIC
(serial interface clock)
SIC_n out
PM[0]/GPO[0]/ SPI_SID /EADC_D[9]/T_EXT_BREQ
PM[1]/GPO[1]/ SPI_SIC /EADC_D[8]/T_EXT_BACK
Figure 7-23. Serial Programming Interface, Physical Connection
Notes:
1.
Master is the device that initiates a transaction, generates clock signal, and terminates the
transaction.
2.
Data and clock can only be driven low, and cannot be driven high. The pull-up resistors are
responsible to create a logic 1. This configuration forms wire – AND connection.
3.
Slave can only drive the clock signal to add wait state.
4.
There is no minimum requirement for clock frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com