Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 188 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 188 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 184Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 185Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 186Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 187Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 188Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 189Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 190Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 191Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 192Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 188 / 426 page
background image
MFC2000 Multifunctional Peripheral Controller 2000
Hardware Description
7-40
Conexant
100723A
External circuit required for SONY–ILX516K interface:
SONY - ILX516K
Vout R
Vout G
Vout B
+12 V
100
Ω
5.1K
Ω
+12 V
100
Ω
5.1K
Ω
+12 V
100
Ω
5.1K
Ω
MFC2000
scanin
LEDCtrl[2]
LEDCtrl[1]
Analog
Inverter
Analog
MUX
Figure 7-21. External circuit required for SONY–ILX516K interface
LED timing for SONY–ILX516K
start[0]
LEDCtrl[0]
LEDCtrl[2:1]
select Red
select Green
select Blue
expsoure time
as required by
RED sensor
expsoure time
as required by
GREEN sensor
expsoure time
as required by
BLUE sensor
Used as selectors
for analog MUX
Figure 7-22. LED timing for SONY–ILX516K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com