Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 192 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 192 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 188Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 189Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 190Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 191Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 192Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 193Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 194Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 195Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 196Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 192 / 426 page
background image
MFC2000 Multifunctional Peripheral Controller 2000
Hardware Description
7-44
Conexant
100723A
Clock Stretching
Slave can add wait state as needed by stretching the low period of the clock. This will slow down the bus as
shown below.
Master's SIC
Slave's SIC
SIC
wait state
Figure 7-26. Stretching the Low Period of the Clock
7.2.2
Register Description
Name/Address
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Default
SPI Control
(SPICtrl)
$01FF854B
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
WRI
(read only)
Rst. Value
xxxxxxx0b
Read Value
00h
Name/Address
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default
SPI Control
(SPICtrl)
$01FF854A
RST
REA
STA
STO
RAC
WAC
SID
SIC
Rst. Value
00h
Read Value
00h
Bit 8
WRI – Writing
This is a read only bit which indicates the writing operation. Reading a
1
means the SPI is in the process of sending/writing data to slave.
Bit 7
RST – Reset
Writing a 1 to this bit will cause the SPI logic controller to be resetted.
If SPI is in operation while RST bit is set, then the operation will be
terminated. Reading a 1 from this bit indicates that RST operation is
active. After the reset, both SID and SIC lines will be released.
Bit 6
REA – Read
Writing a 1 to this bit will generate 8 clocks to read data from slave,
and SPI will capture serial data into the upper byte of ‘SPI_data’
register. Reading a 1 from this bit indicates that REA operation is
active.
Bit 5
STA – Start
Writing a 1 to this bit will generate START condition. Reading a 1 from
this bit indicates STA operation is active.
Bit 4
STO – Stop
Writing a 1 to this bit will generate STOP condition. Reading a 1 from
this bit indicates STO operation is active.
Bit 3
RAC – Read Acknowledge
Writing a 1 to this bit will generate ACKNOWLEDGE condition after
read operation in which the master will:
1. generate clock pulse
2. drive SID low
Reading a 1 from this bit indicates RAC operation is active.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com