Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 304 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 304 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 300Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 301Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 302Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 303Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 304Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 305Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 306Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 307Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 308Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 304 / 426 page
background image
MFC2000 Multifunctional Peripheral Controller 2000
Hardware Description
16-6
Conexant
100723A
Address:
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Default:
USBEP2Ctrl
(R/W)
$01FF85AB
Fifo Enabled
(Read Only)
Data
Request
(Read Only)
Fifo Ready
Fifo DMA Threshold
Fifo Output Pointer
Rst. Value
00h
Read Value
00h
Address:
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default:
USBEP2Ctrl
(R/W)
$01FF85AA
unused
Holding Reg
Full
Byte Present Fifo Data Quantity
Fifo Input Pointer
Rst. Value
x0000000b
Read Value
00h
Bit 15:
This bit indicates that the FIFO is active and capable of generating
DMA requests. This bit generally follows the setting of the LCL_ENB
input signal except the FIFO Enabled register bit will remain asserted
if the LCL_ENB input signal is set to false while the FIFO is executing
a DMA transfer. In this case, the register bit will remain set for the
duration of the DMA transfer and then become cleared.
Bit 14:
This bit is similar to the DMA_REQ signal except that it is not blocked
when DMA_TC0 is set. It indicates that the programmed threshold has
been met or exceeded and that the FIFO requires data transfers either
by enabling hardware DMA through DMA_TC0 or by executing
software DMA cycles.
Bit 13:
This bit indicates that the FIFO can accept data transfers to/from the
local logic. This bit is low when the data direction is into the local logic
and the FIFO is empty or when the data direction is out of the local
logic and the FIFO is full.
Bit 12-10:
This bit field indicates at which point the FIFO should issue a DMA
request. It is compared with the FIFO Data Quantity bit field to
determine when this should occur. Legal values are from
1 to 4. A value of zero causes no data transfers to occur. Values
greater than 4 are treated as 4.
Bit 9-8:
This bit field indicates which byte of the FIFO quad halfword structure
is the next to be used as output data.
Bit 7:
Not used
Bit 6:
This bit indicates that there is a full word in the holding register.
Bit 5:
This bit indicates that there is a single byte in the holding register.
Bit 4-2:
This bit field indicates the number of quad halfwords that contain data.
Valid values are from 0 to 4.
Bit 1-0:
This bit field indicates which byte of the FIFO quad halfword structure
is the next to receive input data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com