Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 301 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 301 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 297Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 298Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 299Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 300Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 301Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 302Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 303Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 304Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 305Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 301 / 426 page
background image
Hardware Description
MFC 2000 Multifunctional Peripheral Controller 2000
100723A
Conexant
16-3
Bit 13:
This bit indicates that the FIFO can accept data transfers to/from the
local logic. This bit is low when the data direction is into the local logic
and the FIFO is empty or when the data direction is out of the local
logic and the FIFO is full.
Bit 12-10:
This bit field indicates at which point the FIFO should issue a DMA
request. It is compared with the FIFO Data Quantity bit field to
determine when this should occur. Legal values are from
1 to 4. A value of zero causes no data transfers to occur. Values
greater than 4 are treated as 4.
Bit 9-8:
This bit field indicates which byte of the FIFO quad halfword structure
is the next to be used as output data.
Bit 7:
Not used
Bit 6:
This bit indicates that there is a full word in the holding register.
Bit 5:
This bit indicates that there is a single byte in the holding register.
Bit 4-2:
This bit field indicates the number of quad halfwords that contain data.
Valid values are from 0 to 4.
Bit 1-0:
This bit field indicates which byte of the FIFO quad halfword structure
is the next to receive input data.
Address:
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Default:
USBEP1Data
(R/W)
$01FF858D
EP1 Bulkin Dataport Register
Reset Value
00h
Read Value
00h
Address:
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default:
USBEP1Data
(R/W)
$01FF858C
EP1 Bulkin Dataport Register
Reset Value
00h
Read Value
00h
Bits 15-0:
Endpoint 1 FIFO Dataport Register
Address:
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Default:
USBEP1Tran
(W)
$01FF858F
EP1 Transition Register
Reset. Value
xxh
Address:
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default:
USBEP1Tran
(W)
$01FF858E
EP1 Transition Register
Reset. Value
xxh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com