Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 299 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 299 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 295Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 296Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 297Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 298Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 299Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 300Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 301Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 302Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 303Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 299 / 426 page
background image
Multifunctional Peripheral Controller 2000
MFC2000
100723A
Conexant
16-1
16. USB INTERFACE
16.1 Function Description
The USBIF interface block interfaces to the PC, IPB bus and the DMA block. It bridges print and scan data
between the MFC2000 and the PC. It is compliant with USB protocol revision 1.1 and supports device remote-
wakeup feature. There are six endpoints in the MFC2000, two control endpoints (including endpoint 0), two BULK
IN endpoints and two BULK OUT endpoints. The MaxPacketSize for both the control endpoints are 8 byte and the
MaxPacketSize for the four bulk transfer pipes are 64 byte. Endpoint 0 supports the Get_Descriptor and USB
Vendor/Class commands. The USBIF contains in-silicon USB device controller core, four uni-directional FIFOs
and two bi-directional buffers. Description of USB device controller core can be found in UDC specification
document.
16.2 Register Description
Address:
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Default:
USBEP1Fifo1
(R/W)
$01FF8581
EP1 Bulkin Half Word 1
Reset. Value
00h
Address:
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default:
USBEP1Fifo1
(R/W)
$01FF8580
EP1 Bulkin Half Word 1
Reset. Value
00h
Bits 15-0:
Endpoint 1 FIFO Quad Half word 1
Address:
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Default:
USBEP1Fifo2
(R/W)
$01FF8583
EP1 Bulkin FIFO 2
Reset. Value
00h
Read Value
00h
Address:
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default:
USBEP1Fifo2
(R/W)
$01FF8582
EP1 Bulkin Half Word 2
Reset. Value
00h
Read Value
00h
Bits 15-0:
Endpoint 1 FIFO Quad Half word 2
Address:
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Default:
USBEP1Fifo3
(R/W)
$01FF8585
EP1 Bulkin Half Word 3
Reset. Value
00h
Read Value
00h
Address:
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default:
USBEP1Fifo3
(R/W)
$01FF8584
EP1 Bulkin Half Word 3
Reset. Value
00h
Read Value
00h
Bits 15-0:
Endpoint 1 FIFO Quad Half word 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com