Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 296 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 296 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 292Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 293Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 294Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 295Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 296Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 297Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 298Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 299Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 300Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 296 / 426 page
background image
MFC2000 Multifunctional Peripheral Controller 2000
Hardware Description
15-16
Conexant
100723A
15.4 Firmware Operation
15.4.1 SASIF SyncMode Operation
SyncMode Setup
1.
Set the SASSCLKDivisor Register for proper transmission rate.
2.
Set the L2MSB bit for proper shifting order.
3.
Set the SASSCLKPol bit for proper SASSCLK polarity.
4.
Set the transmit FIFO or receiver FIFO to be enabled if lower system overhead or faster transfer rate is
required. By default, the two FIFO’s are disabled.
5.
Clear the TxBufIrqEnb bit and/or the TxShfIrqEnb bit if continuous transmitting is not required (lower CPU
interrupt overhead and lower transfer rate), or set the TxBufIrqEnb bit and the TxShfIrqEnb bit if continuous
transmission is needed (higher CPU interrupt overhead and higher transfer rate).
6.
Set the SASMode bit to select SyncMode operations.
Note: Steps 1 through 5 can be done in a setup-table load.
Data Transmit and Receive Example – FIFO mode disabled
Case when the TxBufIRQ and the TxShfIRQ are enabled:
1.
The ARM writes first data to the SASData Register, and sets the TxBufIrqEnb and the TxShfIrqEnb bits.
2.
The SASIF loads the TxBuffer Register (SASData Register ) to the TxShift Register and clears the
TxShfEmpty status bit.
3.
The SASIF transmits, and receives bits 7 through bit 0 (if the L2MSB bit is cleared) or bit 0 through bit 7 (if the
L2MSB bit is set).
4.
By the end of the step 3 data shifting, the ARM gets the TxBufIRQ, which indicates that the TxBuffer is ready
for next transmit and the RxBuffer is full.
5.
The ARM reads the SASData Register for the RxBuffer Register data, and clears the TxBufIRQ by writing to
the TxBuffer Register with the next data. If no more data, the ARM clears the TxBufIrqEnb bit. If only transmit
is desired, the ARM can ignore the data in the RxBuffer Register.
6.
If the TxBufEmpty status bit is cleared at the end of the data shifting, the SASIF will set the TxBufEmpty bit
and goto step 2. However, if the TxBufEmpty bit is set, the SASIF will set the TxShfEmpty status bit and
generates the TxShfIRQ.
7.
The ARM gets the TxShfIRQ, which indicates the end of all data shifting. If no data is wished to be sent or
received, the ARM can then clear the TxShfIrqEnb bit.
Data Transmit and Receive Example – FIFO mode (both FIFO’s enabled)
Case when the TxBufIRQ and the TxShfIRQ are enabled:
Note: When using FIFO mode in synchonous mode, both FIFO’s must be enabled. This ensures
that the RxFIFO will contain the same number of bytes of data by the time the TxBufIRQ occurs
that were originally written to the TxFIFO. Otherwise, since only Tx interrupts are used, it will be
impossible to grab the received data if no received FIFO is used, and data will be lost if no
TxFIFO is used when an RxFIFO is used.
1.
The ARM writes first data to the SASData Register up to sixteen times in a row, filling up the TxFIFO as much
as desired, and sets the TxBufIrqEnb and the TxShfIrqEnb bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com