Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 293 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 293 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 289Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 290Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 291Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 292Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 293Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 294Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 295Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 296Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 297Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 293 / 426 page
background image
Hardware Description
MFC 2000 Multifunctional Peripheral Controller 2000
100723A
Conexant
15-13
When both the TxBuffer Register and TxShift register are empty, the TxShfEmpty status bit will be set when the
last bit of the data is shifted to the SASTXD pin.
15.3.2.2 FIFOs Enabled
When FIFOs are enabled and the transmit FIFO is completely empty and TxShift Register is empty, writing to the
SASData Register will clear the TxShfEmpty status bit, keep the TxBufEmpty bit set and will fill the TxShift
Register with the contents of the first FIFO location written to.
When the transmit FIFO is completely empty and the TxShift Register is non-empty, writing to the transmit FIFO
(accomplished by writing SASData) will clear the TxBufEmpty status bit and the TxShift Register is unaffected (it
will stay filled and the TxShfEnpty will stay cleared).
When the transmit FIFO is not empty and the TxShift Register is empty, the value of the oldest valid FIFO location
will be loaded into the TxShift Register. The TxBufEmpty status bit will be set only if the last valid FIFO location
was just transferred to the TxShift Register. The TxShfEmpty flag is unaffected.
When the transmit FIFO is completely empty and TxShift register are empty, the TxShfEmpty status bit will be set
when the last bit of the data is shifted to the SASTXD pin.
15.3.2.3 Transmiting and Sampling
The SASRXD signal is sampled on the falling edge of the SASSCLK when the SASSCLKPol bit is cleared.
SASRXD signal is sampled on the rising edge of the SASSCLK when the SASSCLKPol bit is set. If the
SASRXDEarly bit is set the SASRXD signal will be sampled 1/2 SASSCLK early.
When the L2MSB control bit is cleared, the MSB to the LSB of the TxShift Register will be shifted to the SASTXD
pin, and the SASRXD signal will be shifted into the MSB of the RxShift Register. If the L2MSB bit is set, the LSB
to the MSB of the TxShift Register will be shifted to the SASTXD pin, and the SASRXD signal will be shift into the
LSB of the RxShift Register. The DataLen bit is not used in the SyncMode, eight data bits will be transmitted or
received regardless of setting.
MSB
LSB
Wr SerData
D7
D7
D6
D5
D5 D4
D6
D3 D2
D4
D1
D3
D0
D2 D1 D0
D7 D6 D5 D4 D3 D2 D1 D0 D7 D6 D5 D4 D3 D2 D1 D0
MSB
LSB
SASSCLK
SASTXD
SASRXD
SASCs
TxBufEmpty
TxShfEmpty
Figure 15-3. Synchronous Mode Timing
15.3.3 Asynchronous Mode Transmitter Timing
Once AsyncMode is set, the transmitter logic will set SASTXD to logic one and will stay in the transmitter idle
state. After the ARM writes to the SASData Register, SASTXD will output the Start bit (logic 0) on the next
SASSCLK falling edge. Starting from LSB of the TxShift Register (when L2MSB is set), a total of 7 or 8 bits of
data (depending on the DataLen bit) will be sent. The bit next to the last data bit is the Stop bit. Similarly to the
SyncMode transmit timing, the TxBufEmpty, TxShfEmpty status bits, and the TxBufIRQ, TxShfIRQ has the same
timing sequence. See Figure 15-4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com