Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 289 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 289 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 285Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 286Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 287Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 288Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 289Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 290Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 291Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 292Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 293Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 289 / 426 page
background image
Hardware Description
MFC 2000 Multifunctional Peripheral Controller 2000
100723A
Conexant
15-9
For keeping track of the transmit and receive activities, the SASIF has four separate interrupts -- the TxBufIRQ,
TxShfIRQ, RxBufIRQ, and RxTimeoutIRQ. Any of these interrupt activate will turn on the IRQSASIF. Following
are the conditions when they are set and cleared:
TxBufIRQ
TxShfIRQ
RxBufIRQ
1
Activated
when
1. the TxBufEmpty status bit is set,
and
2. the TxBufIrqEnb control bit is set.
1. the TxShEmpty status bit is set, and
2. the TxShfIrqEnb control bit is set,
and
1. the RxBufFull status bit is set, and
2. the RxBufIrqEnb control bit is set.
Deactivated
when
1. the TxBufEmpty status bit is
cleared, or
2. the TxBufIrqEnb control bit is
cleared.
1. the TxShEmpty status bit is cleared,
or
2. the TxShfIrqEnb control bit is
cleared.
1. the RxBufFull status bit is cleared, or
2. the RxBufIrqEnb control bit is
cleared.
RxTimeoutIRQ
Activated
when
1. the RxTimerElapsed status bit is set, and
2. the RxTimerEnb control bit is set.
Deactivated
when
1. the RxTimerElapsed status bit is cleared, or
2. the RxTimerEnb control bit is cleared.
Note: The RxBufFull status bit and the RxBufIRQ is valid in the AsyncMode only. During the
SyncMode, data receive to the SASIF is synchronous with the transmit data, therefore, the
RxBufFull status bit and the RxBufIRQ signal is not used in the SyncMode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com