Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 290 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 290 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 286Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 287Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 288Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 289Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 290Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 291Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 292Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 293Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 294Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 290 / 426 page
background image
MFC2000 Multifunctional Peripheral Controller 2000
Hardware Description
15-10
Conexant
100723A
Address:
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Default:
SASDiv
01FF80F5
SASRXD
Early
1 - Early
(Not Used)
SASSCLK Divisor Upper Bits (13-8)
Rst. Value
0x000000b
Read Value
00h
Address:
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default:
SASDiv
01FF80F4
SASSCLK Divisor Lower Bits (7-0)
Rst. Value
00h
Read Value
00h
Register Description: This register controls bits of the SASSCLK Divisor.
Bit 15:
SASRXDEarly (Receive Data Early)
Read/Write Bit.
If this bit is set to one (default = 0), the input data will be sampled 1/2
shift clock early from what is illustrated in Figure 15-2. This is only for
the sync mode.
Bit 14:
Not used
Bit 13-8:
DivHi (Divisor High Register)
Read/Write bits.
The DivHi Register is the higher bits (bit 13-8) of the SASSCLKDivisor
Register, which defines the SASSCLK frequency.
Bit 7-0:
DivLo (Divisor Low Register)
Read/Write bits.
The DivLo Register is the lower bits (bit 7-0) of the SASSCLKDivisor
Register, which defines the SASSCLK frequency. Writing the DivLo
register will cause the SASIF logic to load the DivHi and DivLo to the
internal counter. Firmware can transmit data with the right speed
immediately after the SASSCLK setup.
The SASSCLK Divisor Register defines the SASSCLK frequency, which depends on the AUXCLK frequency
(fTstClk). The SASSCLKDivisor Register has a fourteen bit divisor region. The SASSCLK frequency (fSClk)and
Divisor relationship is:
For the sync mode,
fINT
f
Divisor
SClk
AUXCLK
=
+
(
*
)
22
For the async mode,
fINT
f
Divisor
SClk
AUXCLK
=
+
(
*
)
88



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com