Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 291 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 291 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 287Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 288Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 289Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 290Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 291Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 292Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 293Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 294Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 295Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 291 / 426 page
background image
Hardware Description
MFC 2000 Multifunctional Peripheral Controller 2000
100723A
Conexant
15-11
Address:
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Default:
SASTxFIFOn
SASIF Tx FIFO Byte (2n + 1)
Rst. Value
00h
Read Value
00h
Address:
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default:
SASTxFIFOn
SASIF Tx FIFO Byte (2n)
Rst. Value
00h
Read Value
00h
Register Description: SASTxFIFO Register
SASTxFIFO0 – Byte 0, 1
0x01FF8600-01
SASTxFIFO1 – Byte 2, 3
0x01FF8602-03
SASTxFIFO2 – Byte 4, 5
0x01FF8604-05
SASTxFIFO3 – Byte 6, 7
0x01FF8606-07
SASTxFIFO4 – Byte 8, 9
0x01FF8608-09
SASTxFIFO5 – Byte A, B
0x01FF860A-0B
SASTxFIFO6 – Byte C, D
0x01FF860C-0D
SASTxFIFO7 – Byte E, F
0x01FF860E-0F
Address:
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Default:
SASRxFIFOn
SASIF Rx FIFO Byte (2n + 1)
Rst. Value
00h
Read Value
00h
Address:
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default:
SASRxFIFOn
SASIF Rx FIFO Byte (2n)
Rst. Value
00h
Read Value
00h
Register Description: SASRxFIFO Register (Read Only Register)
SASRxFIFO0 – Byte 0, 1
0x01FF8610-01
SASRxFIFO1 – Byte 2, 3
0x01FF8612-03
SASRxFIFO2 – Byte 4, 5
0x01FF8614-05
SASRxFIFO3 – Byte 6, 7
0x01FF8616-07
SASRxFIFO4 – Byte 8, 9
0x01FF8618-09
SASRxFIFO5 – Byte A, B
0x01FF861A-0B
SASRxFIFO6 – Byte C, D
0x01FF861C-0D
SASRxFIFO7 – Byte E, F
0x01FF861E-0F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com