Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 287 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 287 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 283Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 284Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 285Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 286Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 287Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 288Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 289Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 290Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 291Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 287 / 426 page
background image
Hardware Description
MFC 2000 Multifunctional Peripheral Controller 2000
100723A
Conexant
15-7
Bit 9:
RxFifoFull(Receive FIFO full)
Read only bit.
This bit goes high when the receive FIFO is completely full. New
received data received from the RxShiftReg will be thrown away. This
will not cause an interrupt, but the RxFifoThresh should have already
done so.
Bit 8:
RxFifoEmpty(Receive FIFO empty)
Read only bit.
This bit goes high when the receive FIFO is completely empty. This
will not cause an interrupt. This can be helpful in trying to figure out if
more data can be read from the receive FIFO.
Bit 7:
RxTimoutElapsed (Receive FIFO Timeout occurred)
Read only bit.
The RxTimoutElapsed shows the status of the Timeout function of the
receive FIFO. When the RxTimoutElapsed is set, the Timer has timed
out which means that the FIFO has not received any new data for too
long of a time, but the FIFO is not full. When this bit is cleared, the
receive FIFO is running properly. This will cause an interrupt in
conjunction with RxTimeoutEnb
Bit 6:
RxTimeoutEnb (Receive Timeout Interrupt Enable)
Read/Write bit.
When the RxTimerEnb is cleared (default), the RxTimeoutIRQ signal
will be disabled. When the RxTimerEnb bit is set, the RxTimeoutIRQ
will be enabled.
Bit 5:
TxBufEmpty/TxFifoThresh (Transmit Data Buffer Register Empty or Transmit FIFO Threshhold
met)
Read only bit.
The TxBufEmpty bit shows the status of the transmit buffer register
when TxFIFO is disabled. The transmit buffer register is empty when
this bit is set. The transmit buffer register is when this bit is cleared.
When TxFIFO is enabled, the transmit FIFO has met its threshhold
limit when this bit is set, and is not yet emptied to its threshhold when
this bit is cleared. This bit will cause an interrupt in conjunction with
TxBufIRQEnb.
Bit 4:
TxShfEmpty (Transmit Shift Data Register Empty)
Read only bit.
The TxShfEmpty bit shows the status of the transmit shift register. The
transmit shift register is empty when this bit is set. The transmit shift
register is full when this bit is cleared.
Bit 3:
RxBufFull/RxFifoThresh (Receive Buffer Register Full or Receive FIFO Threshhold met)
Read only
bit.
The RxBufFull bit show the status of the receive buffer register (when
RxFIFO is disabled). The receive buffer register is empty when this bit
is cleared. The receive buffer register is when this bit is set. When
RxFIFO is enabled, the receive FIFO has met its threshhold when this
bit is set, and is not yet filled to its threshhold limit when this bit is
cleared. This bit will cause an interrupt in conjunction with
RxBufIRQEnb.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com