Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 285 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 285 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 281Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 282Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 283Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 284Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 285Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 286Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 287Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 288Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 289Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 285 / 426 page
background image
Hardware Description
MFC 2000 Multifunctional Peripheral Controller 2000
100723A
Conexant
15-5
Address:
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Default:
SASFifoPtr
01FF80F7
Tx Input Pointer
Tx Output Pointer
Rst. Value
00h
Read Value
00h
Address:
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default:
SASFifoPtr
01FF80F6
Rx Input Pointer
Rx Output Pointer
Rst. Value
00h
Read Value
00h
Register Description: SASIF Fifo Pointer Register
Bit 15-12: Transmit FIFO input pointer
(Read Only bit)
Bit 11-8:
Transmit FIFO output pointer
(Read Only bit)
Bit 7-4:
Receiver FIFO input pointer
(Read Only bit)
Bit 3-0:
Receiver FIFO output pointer
(Read Only bit)
Address:
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Default:
SASFifoQty
01FF80FD
(Not Used)
Tx FIFO Quantity
TxFIFOThreshVal
Rst. Value
X0000011b
Read Value
00000011b
Address:
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default:
SASFifoQty
01FF80FC
(Not Used)
Rx FIFO Quantity
RxFIFOThreshVal
Rst. Value
X0000011b
Read Value
00000011h
Register Description: SASFifoQty Register
Bit 15:
Not Used
Bit 14-10: TxFIFOQty (Transmit FIFO Quantity)
Read Only bits.
These five bits hold the value of the amount of bytes stored within the
transmit FIFO. As data is written to or removed from the TxFIFO, the
quantity will be adjusted accordingly.
Bit 9-8:
TxFIFOThreshVal (Transmit FIFO Threshhold value)
Read/Write bits.
Depending on how these two bits are set, will affect when the transmit
FIFO considers itself empty enough to cause an interrupt.
Bit Value
# of bytes left in TxFIFO which should cause
interrupt
“00”
12
“01”
8
“10”
4
“11”
2
Bit 7:
Not Used



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com