Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 286 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 286 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 282Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 283Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 284Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 285Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 286Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 287Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 288Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 289Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 290Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 286 / 426 page
background image
MFC2000 Multifunctional Peripheral Controller 2000
Hardware Description
15-6
Conexant
100723A
Bit 6-2:
RxFIFOQty (Receive FIFO Quantity)
Read Only bits.
These five bits hold the value of the amount of bytes stored within the
receive FIFO. As data is written to or removed from the RxFIFO, the
quantity will be adjusted accordingly.
Bit 1-0:
RxFIFOThreshVal (Receive FIFO Threshhold value)
Read/Write bits.
Depending on how these two bits are set, will affect when the receive
FIFO considers itself full enough to cause an interrupt.
Bit Value
# of bytes filled in RxFIFO which should cause
interrupt
“00”
4
“01”
8
“10”
12
“11”
14
Address:
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Default:
SASIrqSts
01FF80F9
(Not Used)
(Not Used)
(Not Used)
RxFifo
Overrun
(Read only)
TxFifoFull
(Read only)
TxFifoEmpty
(Read only)
RxFifoFull
(Read only)
RxFifoEmpt
y
(Read only)
Rst. Value
XXh
Read Value
05h
Address:
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default:
SASIrqSts
01FF80F8
RxTimeout
Elapsed
(Read only)
RxTimeout
Enb
TxBufEmpty
Or
TxFifoThres
h
(Read only)
TxShfEmpty
(Read only)
RxBufFull
Or
RxFifoThres
h
(Read only)
TxBufIrqEnb TxShfIrqEnb RxBufIrqEn
b
Rst. Value
X0XXX000b
Read Value
30h
Register Description: SerSASIrqCtrl Register
Bit 15-13:
Not Used
Bit 12:
RxFifoOverrun(Receive FIFO data loss)
Read only bit.
This bit goes high when the receive FIFO is completely full, but an
extra byte has just been received by the RxShiftReg. This will not
cause an interrupt, but the RxFifoThresh should already have done so.
Bit 11:
TxFifoFull(Transmit FIFO full)
Read only bit.
This bit goes high when the transmit FIFO is completely full. Data
cannot be written to the transmit FIFO after this point. This will not
cause an interrupt. This is helpful when trying to figure out if more
bytes can be written to the transmit FIFO.
Bit 10:
TxFifoEmpty(Transmit FIFO empty)
Read only bit.
This bit goes high when the transmit FIFO is completely empty. This
will not cause an interrupt, but the TxFifoThresh should have already
done so.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com