Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 284 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 284 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 280Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 281Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 282Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 283Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 284Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 285Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 286Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 287Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 288Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 284 / 426 page
background image
MFC2000 Multifunctional Peripheral Controller 2000
Hardware Description
15-4
Conexant
100723A
Bit1-0:
SASMode
Read/Write bits.
These two bits control the SASIF operation modes.
00: AsyncMode (default)
01: SyncMode
10 & 11: Reserved
Note: The TxFIFO enable and the RxFIFO enable should either be set or cleared once in the
setup of the SASIF device. Enabling or disabling the FIFOs once the MFC is up and running
could have unpredicted results if data is being received or sent by the shift registers.
Address:
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Default:
SASRxData
01FF80F3
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
Rst. Value
xxh
Read Value
00h
Address:
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default:
SASRxData
01FF80F2
SASRx
Data(7)
SASRx
Data(6)
SASRx
Data(5)
SASRx
Data(4)
SASRx
Data(3)
SASRx
Data(2)
SASRx
Data(1)
SASRx
Data(0)
Rst. Value
00h
Read Value
00h
Register Description: SASIF Rx Data Buffer Register
Note: This is the Receive buffer data register. Reading from this register will return the data in
the Rxbuffer (for fifo disabled) or the oldest valid received data (for fifo enabled). However, after
a read, a write MUST be done to this register in order to let the SASIF know that data has been
read. This was done to help with emulation testing. Writing to the SASData Register will clear
the RxBufFull or RxFifoThresh status bits.
Address:
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Default:
SASTxData
01FF80FB
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
Rst. Value
xxh
Read Value
00h
Address:
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default:
SASTxData
01FF80FA
SASTx
Data(7)
SASTx
Data(6)
SASTx
Data(5)
SASTx
Data(4)
SASTx
Data(3)
SASTx
Data(2)
SASTx
Data(1)
SASTx
Data(0)
Rst. Value
00h
Read Value
00h
Register Description: SASIF Tx Data Buffer Register (write only)
Note: This is the Transmit buffer data register. It is a write only register. Writing to this register
placed data into the transmit buffer register (or the transmit fifo if TxFifo is enabled). Writing to
the SASTxData Register will clear the TxBufEmpty or TxFifoThresh status bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com