Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 288 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 288 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 284Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 285Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 286Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 287Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 288Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 289Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 290Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 291Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 292Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 288 / 426 page
background image
MFC2000 Multifunctional Peripheral Controller 2000
Hardware Description
15-8
Conexant
100723A
Bit 2:
TxBufIrqEnb (Transmit Buffer IRQ Enable)
Read/Write bit.
When the TxBufIrqEnb bit is cleared (default), the TxBufIRQ signal is
disabled. The TxBufIRQ will be activated, when the TxBufIrqEnb
control bit and the TxBufEmpty status bit are set.
Bit 1:
TxShfIrqEnb (Transmit Shift Empty IRQ Enable)
Read/Write bit.
When the TxShfIrqEnb bit is cleared (default), the TxShfIRQ signal will
be disabled. The TxShfIRQ will be activated, when the TxShfIrqEnb
control bit and the TxShfEmpty status bit are set.
Bit 0:
RxBufIrq (Receive Buffer IRQ Enable)
Read/Write bit.
When the RxBufIrqEnb bit is cleared (default), the RxBufIRQ signal
will be disabled. The RxBufIRQ will be activated, when the
RxBufIrqEnb control bit and the RxBufFull status bit are set.
For monitoring the TxBuffer, TxShift, and RxBuffer Register status, the SASIF has four status bits. They are
TxBufEmpty, TxShfEmpty, RxBufFull, and RxTimerElapsed status bits. Following are the conditions when the
status bits are set and cleared:
TxBufEmpty
TxShfEmpty
RxBufFull
1
Set when
1. the system resets, or
2. the last bit of the TxShift Register is
sent to the SASTXD pin
1. the system resets, or
2. the TxBufEmpty status bit is set and
the last bit of the TxShift Register is
sent to the SASTXD pin.
1. the stop bit is received by the
SASRXD pin.
Cleared
when
1. the CPU writes to the SASData
Register, and
2. the TxShfEmpty status bit is cleared.
1. the CPU writes to the SASData
Register, and
2. the TxBufEmpty status bit is set.
1. the system reset, or
2. the CPU reads the SASData
Register.
RxTimerElapsed
Set when
When all of these are true for the time it would take to
receive 4 bytes into the Rx buffer.
The RxFIFO is not full,
No start bit has been received,
the SASRxData Register has not been read and written
back to.
Cleared
when
1. the system resets
2. the CPU writes to the SASRxData Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com