Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 281 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 281 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 277Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 278Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 279Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 280Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 281Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 282Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 283Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 284Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 285Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 281 / 426 page
background image
Multifunctional Peripheral Controller 2000
MFC2000
100723A
Conexant
15-1
15. Synchronous/Asynchronous Serial Interface (SASif)
15.1 Functional Description
The SASIF is a Synchronous/Asynchronous Receiver/Transmitter which performs serial-parallel conversion on
data received from a peripheral device, and parallel-to-serial conversion of data for transmission to a peripheral
device. The interface consists of serial transmit data (SASTXD), serial receive data (SASRXD), and a serial clock
(SASSCLK) signals. Figure 15-1 is a block diagram of the SASIF.
The SASIF includes a programmable baud rate generator for asynchronous and synchronous operations. Four
interrupts can be generated for the ARM. These are Transmit Shift Register empty, Transmit Buffer Register
Empty, or Receive Buffer Register full, and Receive FIFO Timeout. These interrupts can each be uniquely
enabled or disabled.
The SASIF can also be set to FIFO mode. In this mode, the ARM will be relieved of excessive interrupt handling
and will allow for an overall faster transmit and receive speed. A FIFO mode can be enabled for either the receive
portion or the transmit portion of the SASIF. When the transmit FIFO is enabled, a 16-byte FIFO will be used to
hold up to 16 bytes of data to be transmitted. The Transmit Buffer Empty interrupt will only be generated if the
transmit FIFO has no new data to transmit (it is empty). When the receive FIFO is enabled, a 16-byte FIFO will be
used to store up to 16 bytes of data which are received from the receive shift register. The Receive Buffer Full
interrupt will only be generated if the receive FIFO has no room left for incoming data (it is full).
The receive FIFO also includes a timeout function. If the receive FIFO is not full, but the last newly received byte
was longer than four byte times ago (based on the programmed baud rate), then a timeout interrupt will be
generated. A “byte time” is the time in which it takes to receive one byte of data.
The receive and transmit data is double buffered to provide more time for the ARM to process receive data. The
data shifting order, MSB to LSB or LSB to MSB, and the SASCLK polarity are programmable.
The synchronous communication mode enables the ARM to transmit and receive data synchronous referencing to
the serial clock.
The ARM can read the status of the SASIF at any time during operation. Status includes IRQ source (SASTXD or
SASRXD) and operation mode (synchronous or asynchronous). During the Input/Output mode the SASTXD,
SASRXD, and SASSCLK values can also be read or written by the ARM. The contents of each byte within the
transmit and receive fifo can be read any time during operation, as well as the input and output pointers to both
fifos.
Following is the feature summary of the Serial Interface:
•
Full duplex, three wire system: SASSCLK (serial clock), SASTXD (Transmit data), SASRXD (Receive data)
•
Independent transmit data shift register and receive data shift register
•
Double buffered receive and transmit data register
•
Programmable 7 or 8 data bit asynchronous serial-interface with a start bit, a stop bit and no parity
•
8 data bit synchronous serial-interface with programmable data shifting order
•
Programmable baud rate generator supports up to 14400 baud asynchronous transmit and receive (when in
fifo mode is not on), and up to 2 ICLK synchronous transmit and receive
•
Supports up to 115.2 Kbaud asynchronous transmit and receive when in FIFO mode
•
Single interrupt generation for Transmit Data Shift Register empty, Transmit Data Buffer Register empty,
Receive Data Buffer Register full, and Receive FIFO Timeout
•
In the FIFO mode, transmitter and receiver are each buffered with 16 byte FIFO’s to reduce the number of
interrupts to the ARM.
•
Maximum
±1% SASTXD Async transmit baud rate error
•
Maximum
±2.5% SASRXD Async receive baud rate allowable error



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com