Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 277 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 277 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 273Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 274Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 275Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 276Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 277Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 278Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 279Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 280Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 281Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 277 / 426 page
background image
Hardware Description
MFC 2000 Multifunctional Peripheral Controller 2000
100723A
Conexant
14-11
T.4 Data FIFO Control register for the coded data to/from the external memory (for DMA channel 10):
Address:
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Default:
T.4 Data FIFO
Control Register
(T4Data1FIFOCtrl)
$01FF811B
FIFO
Enabled
(R)
Data
Request
(R)
FIFO
Ready
(R)
FIFO DMA Threshold
FIFO Output Pointer
Rst Value
00h
Read Value
00h
Address:
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default:
T.4 Data FIFO
Control Register
(T4Data1FIFOCtrl)
$01FF811A
(Not Used)
Holding
Register Full
(Not Used)
FIFO Data Quantity
FIFO Input Pointer
Rst Value
x0x00000b
Read Value
00h
Bit 15
This bit indicates that the FIFO is active and capable of generating
DMA requests.
Bit 14
This bit is essentially a copy of the DMA Request output signal and
indicates that the FIFO wishes to transfer data.
Bit 13
This bit indicates that the FIFO can accept data transfers to/from the
local logic. This bit is low when the data direction is into the local logic
and the FIFO is empty or when the data direction is out of the local
logic and the FIFO is full.
Bit 12-10
This bit field indicates at which point the FIFO should issue a DMA
request. It is compared with the FIFO Data Quantity bit field to
determine when this should occur. Legal values are from
0 to 4. Values greater than 4 are treated as 4.
Bit 9-8
This bit field indicates which byte of the FIFO quad halfword structure
is the next to be used as output data.
Bit 6
This bit indicates that there is a full word in the holding register
Bit 4-2
This bit field indicates the number of quad halfwords that contain data.
Valid values are from
0 to 4.
Bit 1-0
This bit field indicates which byte of the FIFO quad halfword structure
is the next to receive input data.
Note: It is strongly recommended that the FIFO be disabled before firmware writes to the FIFO
Control register. The FIFO Control register contains data that is essential to the FIFO’s
operation. If this data is changed while the FIFO is operating, unpredictable operation will result.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com