Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 273 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 273 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 269Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 270Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 271Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 272Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 273Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 274Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 275Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 276Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 277Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 273 / 426 page
background image
Hardware Description
MFC 2000 Multifunctional Peripheral Controller 2000
100723A
Conexant
14-7
Address
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Default
T4 Line Length
(T4Halfwords)
$01FF8179
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
Line Length bits 9-8
Rst. Value
xxxxxx00b
Read Value
00h
Address
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default
T4 Line Length
(T4Halfwords)
$01FF8178
Line Length bits 7-0
Rst. Value
00h
Read Value
00h
Bit 15-10:
Not used
Bit 9-0:
Line Length
The T4 Line Length register defines the number of bytes in the line to
be coded or decoded. Line length values from 001h through 3ffh
correspond to 1 through 1023 halfwords of data.
Address
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Default
T4 Interrupt Mask
(T4IntMask)
$01FF8177
(Not Used)
(Not Used)
(Not Used)
Enable Wr
T4Data
FIFO Rdy
Enable Rd
T4Data FIFO
Rdy
Enable Wr
Uncoded
FIFO Rdy
Enable Rd
Uncoded
FIFO Rdy
Enable Wr
Ref FIFO
Rdy
Rst. Value
xxx00000b
Read Value:
00h
Address
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default
T4 Interrupt Mask
(T4IntMask)
$01FF8176
Enable End
of Line
(Not Used)
(Not Used)
Enable Line
Error
(Not Used)
(Not Used)
(Not Used)
(Not Used)
Rst. Value
0xx0xxxxb
Read Value
00h
Bit 15-13:
Not used
Bit 12:
WrT4DataFIFORdy Enable Interrupt
Bit 11:
RdT4DataFIFORdy Enable Interrupt
Bit 10:
WrUncodedFIFORdy Enable Interrupt
Bit 9:
RdUncodedFIFORdy Enable Interrupt
Bit 8:
WrRefFIFORdy Enable Interrupt
Bit 7:
End of Line Enable Interrupt.
Bit 6-5:
Not used
Bit 4:
Line Error Enable Interrupt.
Bit 3-0:
Not used
The four interrupt enable bits correspond to bits in the T4 Status register. The position of each interrupt enable bit
is in the same place as its corresponding bit in the T4 Status register (bit 7 – End of Line Enable Interrupt
corresponds to bit 7 – EOL Condition).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com