Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 272 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 272 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 268Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 269Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 270Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 271Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 272Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 273Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 274Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 275Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 276Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 272 / 426 page
background image
MFC2000 Multifunctional Peripheral Controller 2000
Hardware Description
14-6
Conexant
100723A
Bit 7:
End of Line Conditions.
For coding, the End-of-line Condition occurs when all data in the line
has been compressed and the last codeword has been written to the
T4Data FIFO.
For decoding, the End-of-line Condition occurs when the decoding of a
line is complete, and all decoded data has been written to the line
buffer. For MH and MR modes, decoding is complete when the EOL
codeword (and Tag bit if in MR mode) have been decoded. For MMR
mode, decoding is complete when the number of bytes specified by
the T4Bytes register have been decoded.
Bit 6:
The Tag bit is only valid when the End-of-line Condition bit is also set.
Bit 5:
The NonConsecutiveEOL/MMREOL is only valid when the End-of-line
Condition bit is also set.
Bit 4:
Line Error.
Line errors apply to the decoding mode only. If a line error occurs
while decoding a line, the T.4 hardware will set the LineError bit.
Decoding will continue until an EOL code is found (MH and MR modes
only), but data decoded following the error will not be output to the line
buffer.. The type of line error can be determined by examing the Line
Error Type bit field.
Bit 3-1:
Line Error Type.
When a line error occurs, the type of line error is placed in this bit field.
The following line errors are detected by the T.4 hardware:
LineError
Code:
Error:
Description:
000b
No error
001b
RTC (Return to
Control) Error
Fill bits occurred between consecutive EOL codewords.
010b
Terminating Code
Error
Codewords for white or black run lengths equal to zero which occur at the
end of a line are missing. When this error occurs the TC error bit (T4Status
register) is set as well as the normal error bit; this is to allow the user to
ignore these errors if desired.
011b
Reserved
100b
Line Too Short
EOL code found before the number of bytes specified in the T4Bytes
register have been decoded.
101b
Line Too Long
The number of data bytes decoded before the EOL code is received
exceeds the line length specified in the T4Bytes register.
110b
Code Word Error
An invalid code word was decoded.
111b
Reserved
Bit 0:
Indicate the decoded line is all white when this bit is set. This bit is
reset when the decoding of a line is started.
Notes:
1.
An IRQ is generated whenever any of the shaded bits shown in the T4 Status register
(bits 4, 7–9) and their associated bits in the T4IntMask register are both set.
2.
Bits 0–6, and 9 only apply to decompression mode.
3.
Bits 0–7 are cleared at the start of a new line.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com