Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 268 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 268 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 264Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 265Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 266Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 267Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 268Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 269Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 270Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 271Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 272Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 268 / 426 page
background image
MFC2000 Multifunctional Peripheral Controller 2000
Hardware Description
14-2
Conexant
100723A
S yste m D a ta B u s
H o ld in g R egister
Q uad H a lfw o rd 0
Q uad H a lfw o rd 1
Q uad H a lfw o rd 2
Q uad H a lfw o rd 3
FIFO
C ontro l
Local D a ta B u s
Figure 14-2. Compressor/Decompressor FIFO Structure
14.2 Register Description
Address
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Default
T4 Configuration
(T4Config)
$01FF8171
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
Disable
Hardware
DMA CH10
Disable
Hardware
DMA CH6
Disable
Hardware
DMA CH7
Rst. Value
xxxxx000b
Read Value:
00000000b
Address
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default
T4 Configuration
(T4Config)
$01FF8170
(Not Used)
Enable
smart EOL
operation
Enable non-
inverted
flush (zero
fill)
Compressed data
src./dest.
00=T4Data0
01=T4Data1
10=T4Data2
11=T4Data3
Enable
Decompressi
on
T4 Coding/Decoding Mode
00=MH
01=MR 1-dimensional
10-MR 2-dimensional
11=MMR
Rst. Value
x0000000b
Read Value:
00000000b
Bit 15-11:
Not used
Bit 10:
Disable coded hardware DMA.
Setting this bit to 1 disables hardware DMA accesses to the coded
data FIFOs (DMA CH10). Clearing this bit allows hardware DMA to the
coded data FIFOs. This bit should be set when firmware DMA is to be
carried out to the coded data FIFO.
Bit 9:
Disable uncoded hardware DMA.
Setting this bit to 1 disables hardware DMA accesses to the uncoded
data FIFO (DMA CH6). Clearing this bit allows hardware DMA to the
uncoded data FIFO. This bit should be set when firmware DMA is to
be carried out to the uncoded data FIFO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com