Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 267 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 267 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 263Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 264Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 265Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 266Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 267Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 268Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 269Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 270Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 271Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 267 / 426 page
background image
Multifunctional Peripheral Controller 2000
MFC2000
100723A
Conexant
14-1
14. Compressor and Decompressor
14.1 Functional Description
The T.4 data compression/decompression process is primarily implemented in hardware within the MFC2000
(see Figure 14-2). Hardware provides compression and decompression of data within a line, and adds fill bits at
the end of a line to cause the number of bits (coded plus fill) to be a multiple of 16 (halfword justified) for T.4 MH
and MR. For coding (compression), firmware (T.4 subsystem task) appends end-of-line characters and, if
required, fill bits to support the minimum line times of CCITT T.4. On the receive side, firmware passes the coded
line to the T.4 hardware. Data flow control, to prevent buffer overflow/underflow, is also the responsibility of the
firmware.
Line times less than 5 msec per line are supported by the MFC2000s' T.4 hardware; the line time supported by
the overall system depends on other system factors (e.g. resolution, concurrency, etc). T4 line lengths up to 2046
bytes are supported.
There are three FIFOs contained in the compressor/decompressor block. All FIFOs operate identically from both
a hardware and firmware standpoint. The FIFO structure is illustrated in Figure 14-2. The FIFOs consist of a quad
halfword FIFO structure and a single halfword holding register. The quad FIFO structure is emptied and filled by
either DMA or CPU operations. The holding register is emptied and filled by the compressor/decompressor logic.
All locations within the FIFO can also be arbitrarily read and written by firmware. This allows firmware to save the
entire FIFO state and restore it at a later point in time, thereby permitting an unlimited number of data streams to
be concurrently processed.
Mux
T4 (MH, MR),
T6(MMR)
Code or
Decode
Line
CPU Data
DMA Ch 10
Data
DMA Ch 7
DMA Ch 6
T4 Bi-Level
Resolution
Conversion
DMA Ch 8
T4/T6 Compression/Decompression
T4Data
FIFO3
Current Line
Buffer Data
(Uncoded Data)
Reference Line
Buffer Data
(Uncoded Data)
Figure 14-1. Data Flow for Compression/Decompression



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com