Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 266 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 266 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 262Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 263Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 264Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 265Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 266Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 267Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 268Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 269Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 270Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 266 / 426 page
background image
MFC2000 Multifunctional Peripheral Controller 2000
Hardware Description
13-8
Conexant
100723A
Address:
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Default:
GPIO Direction 1
(GPIODi1)
01FF8839
GPIO15
0=in
1=out
GPIO14
0=in
1=out
GPIO13
0=in
1=out
GPIO12
0=in
1=out
GPIO11
0=in
1=out
GPIO10
0=in
1=out
GPIO9
0=in
1=out
GPIO8
0=in
1=out
Rst Value
x0000000b
Read Value
00h
Address:
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default:
GPIO Direction 1
(GPIODir1)
01FF8838
GPIO7
0=in
1=out
GPIO6
0=in
1=out
(Must be set
to 0 if
sartsel=1)
GPIO5
0=in
1=out
GPIO4
0=in
1=out
GPIO3
0=in
1=out
GPIO2
0=in
1=out
GPIO1
0=in
1=out
GPIO0
0=in
1=out
Rst Value
00h
Read Value
00h
Address:
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Default:
GPIO Direction 2
(GPIODir2)
01FF883B
(Not Used)
GPIO30
0=in
1=out
GPIO29
0=in
1=out
GPIO28
0=in
1=out
GPIO27
0=in
1=out
GPIO126
0=in
1=out
GPIO25
0=in
1=out
GPIO24
0=in
1=out
Rst Value
x0000000b
Read Value
00h
Address:
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default:
GPIO Direction 2
(GPIODir2)
01FF883A
GPIO23
0=in
1=out
GPIO22
0=in
1=out
GPIO21
0=in
1=out
GPIO20
0=in
1=out
GPIO19
0=in
1=out
GPIO18
0=in
1=out
GPIO17
0=in
1=out
GPIO16
0=in
1=out
Rst Value
00h
Read Value
00h
Register Description: GPIO Direction 1/2 Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com