Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 262 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 262 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 258Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 259Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 260Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 261Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 262Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 263Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 264Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 265Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 266Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 262 / 426 page
background image
MFC2000 Multifunctional Peripheral Controller 2000
Hardware Description
13-4
Conexant
100723A
GPIO[21:16]
GPIO[21:16] are multiplexed with six P80 modem IA signals; in
addition, GPIO19 can be used for MIRQn input signal, and GPIO20 is
further multiplexed with MCSn. Six P80 modem IA signals are
M_TXSIN, M_CLKIN, M_RXOUT, M_SCK, M_STROBE and
M_CNTRL_SIN, they are multiplexed with GPIO16 through GPIO21
respectively. The control signals of this multiplexing are EXTIA_MODE
and EXTIA_SEL, they are generated from SSD_P80. When
EXTIA_MODE is 1, the six P80Modem signals will appear on the
GPIO pins, these signals can be used to either interface to Data IA
(when EXTIA_SEL is 0) or Voice IA (when EXTIA_SEL is 1). When
EXTIA_MODE is 0, the GPIO[21:16] become GPIO and they are
controlled by GPIODir and GPIOData registers as usual except
GPIO20 can become MCSn if bit 5 GPIOConfig2 is set to 1 and
GPIO19 can be used as MIRQn input.
GPIO22
GPIO22 is multiplexed with EADC_Sample signals. If EADC_Sample
function is selected, the bit 6 of GPIOConfig2 register must be set to 1.
To enable GPIO22 function, bit 6 of GPIOConfig2 must be set to 0.
When GPIO function is enabled, the direction of this pin is controlled
by bit 22 of the GPIODir register. The GPIO22 input/output value is
controlled by bit 22 of the GPIOData register.
GPIO[30:23]
GPIO[30:23] are multiplexed with PIOD[7:0] signals respectively; If
GPIO function is selected, bit 8 of GPIOConfig2 register must be set to
1, else, PIOD function is selected.
When GPIO function is enabled, the direction of this pin is controlled
by bit 30-23 of the GPIODir register. The GPIO[30:23] input/output
value is controlled by bit 30-23 of the GPIOData register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com