Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 264 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 264 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 260Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 261Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 262Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 263Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 264Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 265Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 266Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 267Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 268Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 264 / 426 page
background image
MFC2000 Multifunctional Peripheral Controller 2000
Hardware Description
13-6
Conexant
100723A
13.3 GPIO Control and Data Registers
Address:
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Default:
GPIO Configuration
1
(GPIOConfig1)
01FF8831
0=GPIO[8]
1=SSSTAT1
GPIO[14] Select bits
GPIO[13] Select bits
GPIO[12] Select bits
0=GPIO11
1=ALTTONE
Rst Value
xxx00000b
Read
Value 00h
Address:
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default:
GPIO Configuration
1
(GPIOConfig1)
01FF8830
0=GPIO10 1=
PWM4
Enable
0=GPIO7
1=CS5n
0=GPIO6
1=CS4n
0=GPIO5
1=CS3n
0=GPIO4
1=CS2n
0=GPIO[1:0]
1=FRDn and
FWRn
0=scan mot.
SM[3:0]
1=
GPO[7:4]
Select
0=Prt Mot.
PM[3:0]
1=
GPO[3:0]
Select
Rst Value
00h
Read
Value
00h
Register Description: GPIO Configuration1 Register
Bit 14-13:
GPIO[14] or ringer or SASRXD is selected.
Bit 14
Bit 13
the GPIO[14]/Ringer/SASRXD pin
0
0
GPIO[14]
0
1
SASRXD
1
0
Ringer
1
1
(Not used)
Bit 12-11:
GPIO[13] or PMPWRCTRL or SASTXD is selected.
Bit 12
Bit 11
the GPIO[13]/PMPWRCTRL/SASTXD pin
0
0
GPIO[13]
0
1
SASTXD
1
0
PMPWRCTRL
1
1
(Not used)
Bit 10-9:
GPIO[12] or SMPWRCTRL or SASCLK is selected.
Bit 10
Bit 9
the GPIO[12]/SMPWRCTRL/SASCLK pin
0
0
GPIO[12]
0
1
SASCLK
1
0
SMPWRCTRL
1
1
(Not used)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com