Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 263 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 263 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 259Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 260Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 261Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 262Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 263Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 264Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 265Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 266Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 267Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 263 / 426 page
background image
Hardware Description
MFC 2000 Multifunctional Peripheral Controller 2000
100723A
Conexant
13-5
13.2 GPO/GPI Signals
The MFC2000 also provides eight GPO lines (GPO[7:0]), which are multiplexed with printer and scanner motor
control signals.
GPO[3:0]
GPO[3:0] are multiplexed with the printer motor control lines on the
four pins PM[3:0]/GPO[3:0]. These pins are selected as GPO's when
bit 0 in the GPIOConfig1 register is set to 1, and are selected as
printer motor control lines when this bit is set to 0. When these pins
are selected as GPO's, the GPO[3:0] output values are controlled by
the lowest 4 bits in the VPMPattern register, and appear on the output
pins immediately.
GPO[7:4]
GPO[7:4] are multiplexed with the scanner motor control lines on the
four pins SM[3:0]/GPO[7:4]. These pins are selected as GPO's when
bit 1 in the GPIOConfig1 register is set to 1, and are selected as
scanner motor control lines when this bit is set to 0. When these pins
are selected as GPO's, the GPO[7:4] output values are controlled by
the lowest 4 bits in the SMPattern register, and appear on the output
pins immediately.
GPO[13:8]
If the PIO Interface is not enabled, the pins for PIODIR, BUSY, ACKn,
SLCTOUT, PE and FAULTn will become GPIO8-GPIO13 respectively.
These pins are selected as GPO function when bit8 of GPIOConfig2
register is set to 1, otherwise, PIO interface will be selected. The
GPO[13:8] data is controlled by bit 5-0 of GPOData register.
GPO[17:14]
GPO[17:14] are multiplexed with AO3, AE3, AO2 and AE2
respectively, in addition, GPO14 is multiplexed with SSTXD2 and
GPO15 is with SSSTA2. The multiplexing selection is controlled by bit
0 and bit 1 of the GPIOConfig2 register. When bit0 of the
GPIOConfig2 register is 1, the SSTXD2/SSSTA2 function is selected,
when bit 0 is 0 and bit 1 is 1, the GPO[17:14] function is enabled and
the output value of the GPO[17:14] is controlled by bit 9-6 of GPOData
register. To select AO[3:2]/AE[3:2], both bit 0 and bit 1 of the
GPIOConfig2 register must be 0.
GPI[3:0]
Four PIO Interface input pins can be used as GPI when PIO interface
is not used, the value on these GPI pins can be read from bit 15-12 of
the GPOData register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com