Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 265 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 265 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 261Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 262Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 263Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 264Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 265Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 266Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 267Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 268Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 269Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 265 / 426 page
background image
Hardware Description
MFC 2000 Multifunctional Peripheral Controller 2000
100723A
Conexant
13-7
Address:
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Default:
GPIO Configuration
2
(GPIOConfig2)
01FF8833
Not Used
Not Used
Not Used
Not Used
0=PIO
Select
1=GPO[13:8
]/GPIO[30:2
3]
Rst Value
xxx00000b
Read
Value 00h
Address:
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default:
GPIO Configuration
2
(GPIOConfig2)
01FF8832
0=PM[1:0]
1=
SPI_SIC/SPI
_SID
0=GPIO22
1=EADC_S
ample
0=GPIO2
0
1=MCSn
Not Used
0=GPIO15
1=SC_CLK1/
2C
0=GPIO8
1=SC_CLK1/
2B
0=AE[3:2]/AO
[3:2]
1=GPO[17:14
] Select
0=GPIO[3:2
]
1= SS2
Select
Rst Value
00h
Read
Value
00h
Register Description: GPIO Configuration2 Register
Address:
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Default:
GPI/GPO Data
(GPOData)
01FF883D
GPI3
Data GPI2
Data
GPI1
Data
GPI0
Data
Not Used
Not Used
GPO17
Data
GPO16
Data
Rst Value
00000000b
Read Value
xxxx00xxb
Address:
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default:
GPI/GPO Data
(GPOData)
01FF883C
GPO15
Data
GPO14
Data
GPO13
Data
GPO12
Data
GPO11
Data
GPO10
Data
GPO9
Data
GPO8
Data
Rst Value
00h
Read Value
xxh
Register Description: GPO Data Register
Address:
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Default:
GPIO Data 1
(GPIOData1)
01FF8835
GPIO15
Data
GPIO14
Data
GPIO13
Data
GPIO12
Data
GPIO11
Data
GPIO10
Data
GPIO9
Data
GPIO8
Data
Rst Value
x0000000b
Read Value
0xxxxxxxb
Address:
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default:
GPIO Data 1
(GPIOData1)
01FF8834
GPIO7
Data
GPIO6
Data
GPIO5
Data
GPIO4
Data
GPIO3
Data
GPIO2
Data
GPIO1
Data
GPIO0
Data
Rst Value
00h
Read Value
xxh
Address:
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Default:
GPIO Data 2
(GPIOData2)
01FF8837
(Not Used)
GPIO30
Data
GPIO29
Data
GPIO28
Data
GPIO27
Data
GPIO26
Data
GPIO25
Data
GPIO24
Data
Rst Value
x0000000b
Read Value
0xxxxxxxb
Address:
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default:
GPIO Data 2
(GPIOData2)
01FF8836
GPIO23
Data
GPIO22
Data
GPIO21
Data
GPIO20
Data
GPIO19
Data
GPIO18
Data
GPIO17
Data
GPIO016
Data
Rst Value
00h
Read Value
xxh
Register Description: GPIO Data 1/2 Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com