Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 269 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 269 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 265Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 266Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 267Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 268Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 269Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 270Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 271Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 272Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 273Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 269 / 426 page
background image
Hardware Description
MFC 2000 Multifunctional Peripheral Controller 2000
100723A
Conexant
14-3
Bit 8:
Disable reference hardware DMA.
Setting this bit to 1 disables hardware DMA accesses to the reference
data FIFO (DMA CH7). Clearing this bit allows hardware DMA to the
reference data FIFO. This bit should be set when firmware DMA is to
be carried out to the reference data FIFO.
Bit 7:
Not used
Bit 6:
Enable smart EOL operation.
Setting the smart EOL operation bit causes the posting of an EOL in
the T4 Status register to be delayed until the selected T4Data FIFO
has transferred all of its data. Clearing the bit causes EOL to be set as
soon as the EOL has been processed, regardless of the condition of
the FIFO.
Bit 5:
Enable Non-inverted flush.
Setting the non-inverted flush bit causes the flush operation to use
zero as fill bits rather than the inverted value of the last CW bit.
Inverted fill allows the user to determine the number of fill bits added
to halfword align the last CW.
Bit 4-3:
Compressed data source/destination.
00=T4Data0 (default)
01=T4Data1
10=T4Data2 11=T4Data3
Warning:
No distinction is made between FIFO accesses by either the DMA channel or
the CPU. This means it is possible for both sources to modify the FIFO contents, resulting in
unpredictable operation of the compressor/decompressor. Firmware must ensure that the CPU
does not modify the FIFO contents without first disabling the DMA channel.
Bit 2:
Enable Decompression
Bits 1-0:
T4 Coding/Decoding Mode
00=MH01=MR 1-d
10=MR 2-d11=MMR
When MMR compression is selected, 2-d coding will occur (similar to
MR 2-d), however, the last CW in the line will not be halfword aligned
by adding fill bits. Code words from the next compressed line will be
concatenated to whatever is already in the selected T4Data FIFO.
MMR decompression is similar to MR 2-d decoding, except that the
end-of-line condition is based on the number of decoded bits rather
than an EOL code word.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com