Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 270 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 270 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 266Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 267Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 268Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 269Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 270Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 271Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 272Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 273Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 274Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 270 / 426 page
background image
MFC2000 Multifunctional Peripheral Controller 2000
Hardware Description
14-4
Conexant
100723A
Address
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Default
T4 Control
(T4Control)
$01FF8173
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
Rst. Value
xxh
Read Value:
00h
Address
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default
T4 Control
(T4Control)
$01FF8172
Reset T4
Block (w)
Terminating
Code Error
Enable Bi-
level
Resolution
Conversion
Decode
Output
Enable
Vertical OR
enable
(decompress
mode only)
Reset/Halt
Coding or
decoding
Start coding
or decoding
Flush CW
(completes
byte)
Rst. Value
x0000000b
Read Value
00h
Bit 15-8:
Not used
Bit 7:
Writing a 1 to this bit causes the T4 logic to be reset, including all
internal state machines and FIFOs. This bit is useful when switching
between compression and decompression modes.
Bit 6:
A Terminating Code Error is indicated when a run length = 0 code is
expected but not received at the end of a line, and the Terminating
Code Error also sets the Line error bit
Bit 5:
Enable Bi-level Resolution Conversion.
Bi-level resolution conversion is only valid in decompression mode.
When this bit is set, horizontal resolution conversion will be performed
on the decoder output. Both the unconverted line and the converted
line will be output to the line buffer. The converted line will be written
to the line buffer via DMA channel 8.
Bit 4:
Decode output enable.
Decode Output Enable allows decoded data to be output to the line
buffers. This bit should not be set in MH or MR decoding until the first
EOL has been found. The decoder output should also be disabled
after an error line until the next EOL is found. This bit should always
be set for the MMR decoder.
Bit 3:
Vertical OR enable.
The Vertical OR bit is only valid in decompression mode when the bi-
level resolution conversion bit in the T4Config register is also set.
When the Vertical OR bit is set, the resolution converted decoded
output data is ORed with the corresponding byte from the previous line
before storing.
Bit 2:
Reset or halt the coding or decoding.
Setting the Reset/Halt bit immediately halts coding or decoding of a
line, resets all the T4 Status bits, and clears the active T4Data FIFO.
All other bits in this register are ignored if the Reset/Halt bit is set.
When coding or decoding is in progress, writing to any bit in this
register except Reset/Halt is ignored.
Bit 1:
Start coding or decoding.
The Start bit begins the coding or decoding of the line according to the
configuration selected per the T4Config register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com